Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO8200BQTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 1 Page - STMicroelectronics

  ISO8200BQTR Datasheet HTML 1Page - STMicroelectronics ISO8200BQTR Datasheet HTML 2Page - STMicroelectronics ISO8200BQTR Datasheet HTML 3Page - STMicroelectronics ISO8200BQTR Datasheet HTML 4Page - STMicroelectronics ISO8200BQTR Datasheet HTML 5Page - STMicroelectronics ISO8200BQTR Datasheet HTML 6Page - STMicroelectronics ISO8200BQTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
•
Based on the ISO8200BQ octal high-side switch, which features:
–
Operating range 10.5 to 36 V
–
Low power dissipation (RON(MAX) = 240 mΩ)
–
Process side operating current: up to 0.7 A per channel
–
Embedded 2.5k VRMS galvanic isolation
–
Direct (jitter < 20us) and synchronous (jitter < 6us) control modes
–
Fast decay for inductive loads
–
Undervoltage lock-out
–
Overload and overtemperature protections
–
Loss of ground protection
–
TFQFPN32 package
•
Application board process side operating range: 11 (J10 open) to 33 V (J9
closed)
•
Extended operating range of process side from 10.5 (J10 closed) up to 36 V
(J9 open)
•
Application board logic side operating voltage 3.3 to 5 V
•
Green LEDs for outputs on/off status (J6 and J7 close 1-2, 3-4, 5-6, 7-8)
•
Red LED for common overheating and communication error diagnostic (J3
close 1-2)
•
Yellow LED for output enable status signalization (J3 close 5-6)
•
Direct control mode (J1 and J2 closed, SW37 close 2-3, SW36 close 1-2)
•
Synchronous control mode (J1 and J2 open, SW37 close 2-3, SW36 close 2-3)
•
Process and logic supply rails reverse polarity protections
•
Compatible with STM32 Nucleo development boards
•
Equipped with Arduino® UNO R3 connectors
•
RoHS and China RoHS compliant
•
CE certified
Description
The X-NUCLEO-OUT01A2 is an industrial digital output expansion board for STM32
Nucleo. It provides a powerful and flexible environment for the evaluation of the
driving and diagnostic capabilities of the ISO8200BQ octal high-side smart power
solid state relay, with embedded galvanic isolation, in a digital output module
connected to 0.7 A industrial loads.
The X-NUCLEO-OUT01A2 directly interfaces with the microcontroller on the STM32
Nucleo driven by GPIO pins and Arduino® R3 connectors.
The galvanic isolation between the microcontroller and the process stage is
guaranteed by the ISO8200BQ.
The expansion board can be connected to either a NUCLEO-F401RE or a NUCLEO-
G431RB development board.
It is also possible to evaluate a system composed of a X-NUCLEO-OUT01A2
stacked on other expansion boards.
Product summary
Industrial digital
output expansion
board based on
ISO8200BQ for
STM32 Nucleo
X-NUCLEO-
OUT01A2
Software expansion
for STM32Cube
driving industrial
digital output based
on intelligent power
switch (IPS)
X-CUBE-IPS
Galvanic isolated
octal high-side power
solid state relay for
high inductive loads
ISO8200BQTR
Applications
Programmable
Logic Controllers
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
X-NUCLEO-OUT01A2
Data brief
DB5030 - Rev 1 - May 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ISO8200BQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
More results

Similar Description - ISO8200BQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-CCA01M1 STMICROELECTRONICS-X-NUCLEO-CCA01M1 Datasheet
386Kb / 5P
Sound terminal expansion board based on STA350BW for STM32 Nucleo
17-Nov-2015
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
09-Jun-2017
X-NUCLEO-PLC01A1 STMICROELECTRONICS-X-NUCLEO-PLC01A1 Datasheet
271Kb / 7P
Industrial input/output expansion board based on VNI8200XP and CLT01-38SQ7 for STM32 Nucleo
July 2015 Rev 1
X-NUCLEO-AMICAM1 STMICROELECTRONICS-X-NUCLEO-AMICAM1 Datasheet
1Mb / 7P
Analog MEMS microphone expansion board based on MP23ABS1 for STM32 Nucleo
09-Dec-2019
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-OUT02A1 STMICROELECTRONICS-X-NUCLEO-OUT02A1 Datasheet
575Kb / 4P
Industrial digital output expansion board based on ISO8200AQ for STM32 Nucleo
November 2018
X-NUCLEO-OUT08A1 STMICROELECTRONICS-X-NUCLEO-OUT08A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS160HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT10A1 STMICROELECTRONICS-X-NUCLEO-OUT10A1 Datasheet
3Mb / 5P
Industrial digital output expansion board based on IPS161HF for STM32 Nucleo
June 2020
X-NUCLEO-OUT15A1 STMICROELECTRONICS-X-NUCLEO-OUT15A1 Datasheet
6Mb / 6P
Industrial digital output expansion board based on IPS1025HF for STM32 Nucleo
16-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com