Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO8200BQTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 3 Page - STMicroelectronics

  ISO8200BQTR Datasheet HTML 1Page - STMicroelectronics ISO8200BQTR Datasheet HTML 2Page - STMicroelectronics ISO8200BQTR Datasheet HTML 3Page - STMicroelectronics ISO8200BQTR Datasheet HTML 4Page - STMicroelectronics ISO8200BQTR Datasheet HTML 5Page - STMicroelectronics ISO8200BQTR Datasheet HTML 6Page - STMicroelectronics ISO8200BQTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1
Schematic diagrams
Figure 1. X-NUCLEO-OUT01A2 circuit schematic (1 of 2)
Analog supply
10.5 V - 36 V
(7V-12V NUCLEO supply voltage)
(Not mounted)
Morpho connectors
DEFAULT
Alternate use
Alternate use
Alternate use
PC0
PC1
PA4
PA0
PA1
PB0
NRST
IOREF
DEFAULT
PA7
default close
default close
PB10
AVDD
DEFAULT
PB8
PA2
default close 2-3
default close
PB3
PA3
PA9
DEFAULT
PA5
Direct access
=> close 1-2
Synchronous access => close 2-3
PB5
PB6
DEFAULT
DEFAULT
default close
default close
ISO_DRIVING
PA6
DEFAULT
PB9
PA10
PC7
PA8
PB4
default all open
Alternate use
default close 2-3
DEFAULT
default close 2-3
DEFAULT
Alternate use
default all open
default close 2-3
DEFAULT
Alternate use
default all open
DEFAULT
Alternate use
default close 2-3
default all open
DEFAULT
default close 2-3
default close 1-2
VCC
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
STATUS
OUT_EN
SYNCH
LOAD
EXT_Vdd
3v3
5v0
3v3
R151
100
CN1
691214110002
1
2
R105
100 N.M.
SW33
1
2
3
SW30
1
2
3
R131
100
R152
100
SW29
1
2
3
SW36
1
2
3
J 16
SW31
1
2
3
J 13
D2
BAT48J FILM
TP8
5001
CN11
691214110003
1
2
3
C10
2.2uF
U3
ESDA15P60-1U1M
R102
100
CN8
1
2
3
4
5
6
R110
100
R104
100 N.M.
C12
4700pF
N.M.
C11
4700pF
N.M.
R112
100
+
C9
47uF
N.M.
R111
100
CN5
1
2
3
4
5
6
7
8
9
10
J 14
R147
100
J 10
default open
U2
D12
ESDA7P60-1U1M
R106
100 N.M.
R150
100
R148
100
CN7
SSQ-119-04-L-D
N.M.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
D1
STPS1H100A
R153
100
SW1
1
2
3
CN9
1
2
3
4
5
6
7
8
R145
100
CN6
1
2
3
4
5
6
7
8
R121
100
SW34
1
2
3
CN12
691214110002
1
2
SW37
1
2
3
R109
100
CN3
691214110002
1
2
R149
100
SW35
1
2
3
R101
100
J 15
C27
10pF
SW32
1
2
3
CN4
691214110002
1
2
SW28
1
2
3
J 9
CN2
691214110002
1
2
J 5
J UMPER-con2-s trip-male
N.M. default open
CN10
SSQ-119-04-L-D
N.M.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
EARTH
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
STATUS
OUT_EN
SYNCH
LOAD
VIN
3V3
5V
VIN
ISO_DRV
IN1
IN2
IN4
IN5
IN6
IN7
IN8
IN1
OUT_EN
OUT_EN
IN2
SYNCH
IN4
SYNCH
OUT_EN
LOAD
SYNCH
LOAD
LOAD
STATUS
IN8
STATUS
IN7
IN3
ISO_DRV
ISO8200BQ direct supply voltage:
- set to max 3.3V
when X-NUCLEO-OUT01A2 is used with NUCLEO board
- can be set to max 5.5V
when X-NUCLEO-OUT01A2 is used stand-alone



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com