Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABCX56-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABCX56-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABCX56-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABCX56-HF Datasheet HTML 1Page - Comchip Technology ABCX56-HF Datasheet HTML 2Page - Comchip Technology ABCX56-HF Datasheet HTML 3Page - Comchip Technology ABCX56-HF Datasheet HTML 4Page - Comchip Technology ABCX56-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RoHS Device
General Purpose Transistor
Features
Comchip Technology CO., LTD.
REV:A
Page 1
AQW-JTR92
Halogen Free
Mechanical data
- Case: SOT-89-3L, molded plastic.
- Mounting position: Any.
- High collector current.
- Low collector-emitter saturation voltage.
ABCX54/55/56-HF Series (NPN)
Circuit Diagram
Base
Collector
Emitter
Maximum Ratings (at TJ=25°C unless otherwise noted)
VCEO
Emitter-base voltage
Collector-emitter voltage
Collector-base voltage
Collector continuous current
Symbol
Parameter
ABCX54-HF
Unit
V
V
V
IC
A
W
PC
Collector power dissipation (Note 1)
VCBO
VEBO
RθJA
°C/W
Thermal resistance from junction to ambient (Note 1)
SOT-89-3L
Dimensions in inches and (millimeter)
0.181(4.60)
0.173(4.40)
0.167(4.25)
0.155(3.94)
0.061(1.55)
REF.
0.102(2.60)
0.091(2.30)
0.047(1.20)
0.035(0.90)
0.063(1.60)
0.055(1.40)
0.059(1.50)
TYP.
0.020(0.52)
0.013(0.32)
0.017(0.44)
0.014(0.35)
0.023(0.58)
0.016(0.40)
1
2
3
1 : Base
2 : Collector
3 : Emitter
- AEC-Q101 Qualified.
Peak pulsed collector current
ABCX55-HF
ABCX56-HF
ICM
IB
IBM
°C
Operation junction and storage temperature range
TJ, TSTG
W
PC
Collector power dissipation (Note 2)
RθJA
°C/W
Thermal resistance from junction to ambient (Note 2)
Base continuous current
Peak pulsed base current (tp < 1ms)
A
mA
mA
45
60
100
45
60
80
5
1
2
100
200
0.5
250
2
61.5
-55 to +150


Similar Part No. - ABCX56-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABCX51-10-HF COMCHIP-ABCX51-10-HF Datasheet
584Kb / 5P
General Purpose Transistor
REV:A
ABCX51-16-HF COMCHIP-ABCX51-16-HF Datasheet
584Kb / 5P
General Purpose Transistor
REV:A
ABCX52-10-HF COMCHIP-ABCX52-10-HF Datasheet
584Kb / 5P
General Purpose Transistor
REV:A
ABCX52-16-HF COMCHIP-ABCX52-16-HF Datasheet
584Kb / 5P
General Purpose Transistor
REV:A
ABCX53-10-HF COMCHIP-ABCX53-10-HF Datasheet
584Kb / 5P
General Purpose Transistor
REV:A
More results

Similar Description - ABCX56-HF

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com