Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLA0300050/AA Datasheet(PDF) 21 Page - Positronic.

Part # PLA0300050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLA0300050/AA Datasheet(HTML) 21 Page - Positronic.

Back Button PLA0300050/AA Datasheet HTML 17Page - Positronic. PLA0300050/AA Datasheet HTML 18Page - Positronic. PLA0300050/AA Datasheet HTML 19Page - Positronic. PLA0300050/AA Datasheet HTML 20Page - Positronic. PLA0300050/AA Datasheet HTML 21Page - Positronic. PLA0300050/AA Datasheet HTML 22Page - Positronic. PLA0300050/AA Datasheet HTML 23Page - Positronic. PLA0300050/AA Datasheet HTML 24Page - Positronic. PLA0300050/AA Datasheet HTML 25Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
15
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.737±0.002
[18.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.474±0.005
[37.44±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
0.934±0.002
[23.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.868±0.005
[47.45±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
0.540±0.002
[13.72±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
1.080±0.005
[27.43±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
0.441±0.002
[11.20±0.05]
0.197±0.002
[5.00±0.05]
TYP.
0.882±0.005
[22.40±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
1.131±0.002
[28.73±0.05]
0.099±0.002
[2.51±0.05]
TYP.
0.197±0.002
[5.00±0.05]
2.262±0.005
[57.45±0.13]
0.394±0.002
[10.01±0.05]
0.197±0.002
[5.00±0.05]
PLC 30
PLC 18
PLC 24
PLC 09
PLC 12
STRAIGHT SOLDER AND COMPLIANT
CONTACT HOLE PATTERN
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.080 [2.03] Ø holes in printed board for solder contact
termination positions.
Suggest 0.100 [2.54] Ø holes in printed board when mounting
connectors with # 2 thread forming screws.
Suggest 0.123±0.003 [3.15±0.08] Ø holes in printed board when
mounting connector with push-on fasteners.
NOTE: See page 57 for suggested printed board drill hole sizes,
recommended plating and finished hole sizes for compliant contact
termination positions.
Connectors Designed To Customer Specifications
Positronic’s PLA(H), PLB(H), PLC(H) and PLS(H) series
connectors can be modified to customers specifications.
Examples: select loading of contacts for cost savings or to gain creepage and
clearance distances; longer printed circuit board terminations; customer specified hardware.
Positronic can develop and tool new connector designs
with reasonable price and delivery.
Contact Technical Sales with your particular requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com