Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLA0300050/AA Datasheet(PDF) 8 Page - Positronic.

Part # PLA0300050/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLA0300050/AA Datasheet(HTML) 8 Page - Positronic.

Back Button PLA0300050/AA Datasheet HTML 4Page - Positronic. PLA0300050/AA Datasheet HTML 5Page - Positronic. PLA0300050/AA Datasheet HTML 6Page - Positronic. PLA0300050/AA Datasheet HTML 7Page - Positronic. PLA0300050/AA Datasheet HTML 8Page - Positronic. PLA0300050/AA Datasheet HTML 9Page - Positronic. PLA0300050/AA Datasheet HTML 10Page - Positronic. PLA0300050/AA Datasheet HTML 11Page - Positronic. PLA0300050/AA Datasheet HTML 12Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
PLB06F0050
PLB06F206A1
Mounting clip
SYSTEM 8
PANEL MOUNTED TO CABLE
Crimp or solder termination
PLB06M0000
With contacts installed
Non-removable fixed contacts with 18 AWG
[1.0mm2] solder wire terminations or crimp contact
terminations for wire sizes 12 AWG
[4.0mm2] through 32 AWG [0.03mm2]
SYSTEM 9
CABLE CONNECTOR WITH CABLE ADAPTER
Power
Connection
Systems
Positronic
connectpositronic.com
2
PANEL MOUNT & CABLE ADAPTERS
CONNECTION SYSTEMS
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com