Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566ASTZF8-RL Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 37Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 38Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 39Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 40Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 41Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 42Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 43Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 44Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 41 of 144
Address
MADDPT[6:0]
Mnemonic
R/W
Length
(Bits)
Signed/
Unsigned
Default
Description
0x26
VADIV
R/W
8
U
0
Sets VA energy scaling register.
0x27
CF1NUM
R/W
16
U
0
Sets CF1 numerator register.
0x28
CF1DEN
R/W
16
U
0x003F
Sets CF1 denominator register.
0x29
CF2NUM
R/W
16
U
0
Sets CF2 numerator register.
0x2A
CF2DEN
R/W
16
U
0x003F
Sets CF2 denominator register.
0x3B
Reserved
0
This register must be kept at its default value for proper operation.
0x3C
Reserved
0x0300
This register must be kept at its default value for proper operation.
0x3D
CALMODE2
R/W
8
U
0
For ADE7166/ADE7169 only. Set Calibration mode.
0x3E
Reserved
0
This register must be kept at its default value for proper operation.
0x3F
Reserved
0
This register must be kept at its default value for proper operation.
1 This function is not available in the ADE7566 and ADE7166.
2 This function is not available in the ADE7566 and ADE7569.
ENERGY MEASUREMENT INTERNAL REGISTERS DETAILS
Table 32. MODE1 Register (0x0B)
Bit
Mnemonic
Default
Description
7
SWRST
0
Setting this bit resets all of the energy measurement registers to their default values.
6
DISZXLPF
0
Setting this bit disables the zero-crossing low-pass filter.
5
INTE
0
Setting this bit enables the digital integrator for use with a di/dt sensor.
4
SWAPBITS
0
Setting this bit swaps CH1 ADC and CH2 ADC.
3
PWRDN
0
Setting this bit powers down voltage and current ADCs.
2
DISCF2
1
Setting this bit disables Frequency Output CF2.
1
DISCF1
1
Setting this bit disables Frequency Output CF1.
0
DISHPF
0
Setting this bit disables the HPFs in voltage and current channels.
Table 33. MODE2 Register (0x0C)
Bit
Mnemonic
Default
Description
Configuration Bits for CF2 Output.
CF2SEL[1:0]
Result
00
CF2 frequency is proportional to active power.
01
CF2 frequency is proportional to reactive power.1
7 to 6
CF2SEL[1:0]
01
1x
CF2 frequency is proportional to apparent power or Irms.
5 to 4
CF1SEL[1:0]
00
Configuration Bits for CF1 Output.
CF1SEL[1:0]
Result
00
CF1 frequency is proportional to active power.
01
CF1 frequency is proportional to reactive power.1
1x
CF1 frequency is proportional to apparent power or Irms.
3
VARMSCFCON
0
Configuration Bits for Apparent Power or Irms for CF1, CF2 Outputs, and VA Accumulation
Registers (VAHR, RVAHR, and LVAHR). Note that CF1 cannot be proportional to VA if CF2 is
proportional to Irms and vice versa.
VARMSCFCON
Result
0
If CF1SEL[1:0] = 1x, CF1 is proportional to VA.
If CF2SEL[1:0] = 1x, CF2 is proportional to VA.
1
If CF1SEL[1:0] = 1x, CF1 is proportional to Irms.
If CF2SEL[1:0] = 1x, CF2 is proportional to Irms.
2
ZXRMS
0
Logic 1 enables update of rms values synchronously to Voltage ZX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com