Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566ASTZF8-RL Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7566ASTZF8-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7566ASTZF8-RL Datasheet HTML 46Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 47Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 48Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 49Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 50Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 51Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 52Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 53Page - Analog Devices ADE7566ASTZF8-RL Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 50 of 144
Voltage Channel ADC
Figure 47 shows the ADC and signal processing chain for the
voltage channel. In waveform sampling mode, the ADC outputs
a signed, twos complement, 24-bit data-word at a maximum
of 25.6 kSPS (MCLK/160). The ADC produces an output code
that is approximately between 0x28F5 (+10,485d) and 0xD70B
(−10,485d).
Channel Sampling
The waveform samples of the current ADC and voltage ADC
can also be routed to the waveform registers to be read by the
MCU core. The active, reactive, apparent power, and energy
calculation remain uninterrupted during waveform sampling.
When in waveform sampling mode, one of four output sample
rates can be chosen by using the DTRT[1:0] bits of the WAVMODE
register (see Table 34). The output sample rate can be 25.6 kSPS,
12.8 kSPS, 6.4 kSPS, or 3.2 kSPS. If the WFSM enable bit is set
in the Interrupt Enable 3 SFR (MIRQENH, 0xDB), the 8052
core has a pending ADE interrupt. The sampled signals selected
in the WAVMODE register are latched into the Waveform SFRs
when the waveform high byte (WAV1H or WAV2H) is read.
The ADE interrupt stays active until the WFSM status bit is
cleared (see the Energy Measurement Interrupts section).
FAULT DETECTION1
The ADE7166/ADE7169 incorporate a fault detection scheme
that warns of fault conditions and allows the ADE7166/ADE7169
to continue accurate measurement during a fault event. The
ADE7166/ADE7169 do this by continuously monitoring both
current inputs (IPA and IPB). For ease of understanding, these
currents are referred to as phase and neutral (return) currents.
In the ADE7166/ADE7169, a fault condition is defined when
the difference between IPA and IPB is greater than 6.25% of the
active channel. If a fault condition is detected and the inactive
channel is larger than the active channel, the
ADE7166/ADE7169 automatically switch current measurement to
the inactive channel. During a fault, the active, reactive, current
rms and apparent powers are generated using the larger of the
two currents. On power-up, IPA is the current input selected for
active, reactive, and apparent power and Irms calculations.
To prevent false alarm, averaging is done for the fault detection,
and a fault condition is detected approximately one second after
the event. The fault detection is automatically disabled when the
voltage signal is less than 0.3% of the full-scale input range. This
eliminates false detection of a fault due to noise at light loads.
Because the ADE7166/ADE7169 look for a difference between
the voltage signals on IPA and IPB, it is important that both
current transducers be closely matched.
Channel Selection Indication
The current channel selected for measurement is indicated by
Bit 7 (ICHANNEL) in the ACCMODE Register (0x0F). When
this bit is cleared, IPA is selected and, when it is set, IPB is
selected. The ADE7166/ADE7169 automatically switch from
one channel to the other and report the channel configuration
in the
1 This function is not available in the ADE7566 and ADE7569.
ACCMODE Register (0x0F).
The current channel selected for measurement can also be
forced. Setting the SEL_I_CH[1:0] bits in the CALMODE
Register (0x3D) selects IPA and IPB, respectively. When both bits
are cleared or set, the current channel used for measurement is
selected automatically based on the fault detection.
Fault Indication
The ADE7166/ADE7169 provide an indication of the part going
in or out of a fault condition. The new fault condition is
indicated by the FAULTSIGN flag (Bit 5) in the Interrupt Status
1 SFR (MIRQSTL, 0xDC).
When FAULTSIGN bit (Bit 6) of the ACCMODE Register
(0x0F) is cleared, the FAULTSIGN flag in the Interrupt Status 1
SFR (MIRQSTL, 0xDC) is set when the part is a entering fault
condition or a normal condition.
When the FAULTSIGN bit is set in the Interrupt Enable 1 SFR
(MIRQENL, 0xD9), and the FAULTSIGN flag in the Interrupt
Status 1 SFR (MIRQSTL, 0xDC) is set, the 8052 core has a
pending ADE interrupt.
Fault with Active Input Greater Than Inactive Input
If IPA is the active current input (that is, being used for billing),
and the voltage signal on IPB (inactive input) falls below 93.75%
of IPA, and the FAULTSIGN bit (Bit 6) of ACCMODE Register
(0x0F) is cleared, the FAULTSIGN flag in the Interrupt Status 1
SFR (MIRQSTL, 0xDC) is set. Both analog inputs are filtered
and averaged to prevent false triggering of this logic output. As
a consequence of the filtering, there is a time delay of
approximately three seconds on the logic output after the fault
event. The FAULTSIGN flag is independent of any activity.
Because IPA is the active input and it is still greater than IPB,
billing is maintained on IPA; that is, no swap to the IPB input
occurs. IPA remains the active input.
Fault with Inactive Input Greater Than Active Input
If the difference between IPB, the inactive input, and IPA, the
active input (that is, being used for billing), becomes greater
than 6.25% of IPB, and the FAULTSIGN bit (Bit 6) of ACCMODE
Register (0x0F) is cleared, the FAULTSIGN flag in the Interrupt
Status 1 SFR (MIRQSTL, 0xDC) is set. The analog input IPB
becomes the active input. Again, a time constant of about three
seconds is associated with this swap. IPA does not swap back to
the active channel until IPA is greater than IPB and the difference
between IPA and IPB—in this order—becomes greater than 6.25%
of IPB. However, if FAULTSIGN bit (Bit 6) of ACCMODE
Register (0x0F) is set, the FAULTSIGN flag in the Interrupt
Status 1 SFR (MIRQSTL, 0xDC) is set as soon as IPA is within
6.25% of IPB. This threshold eliminates potential chatter
between IPA and IPB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com