Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566ASTZF16-RL Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7566ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16-RL Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7566ASTZF16-RL Datasheet HTML 31Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 32Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 33Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 34Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 35Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 36Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 37Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 38Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 35 of 144
TRANSITIONING BETWEEN OPERATING MODES
The operating mode of the ADE7566/ADE7569/ADE7166/
ADE7169 is determined by the power supply connected to
VSWOUT. Therefore, changes in the power supply, such as when
VSWOUT switches from VDD to VBAT or when VSWOUT switches to
VDD, alter the operating mode. This section describes events
that change the operating mode.
Automatic Battery Switchover (PSM0 to PSM1)
If any of the enabled battery switchover events occur (see the
Battery Switchover section), VSWOUT switches to VBAT. This
switchover results in a transition from the PSM0 to PSM1
operating mode. When battery switchover occurs, the analog
circuitry used in the ADE energy measurement DSP is disabled.
To reduce power consumption, the user code can initiate a
transition to PSM2.
Entering Sleep Mode (PSM1 to PSM2)
To reduce power consumption when VSWOUT is connected to
VBAT, user code can initiate sleep mode, PSM2, by setting Bit 4
in the Power Control SFR (POWCON, 0xC5) to shut down the
MCU core. Events capable of waking the MCU can be enabled
(see the 3.3 V Peripherals and Wake-Up Events section).
Servicing Wake-Up Events (PSM2 to PSM1)
The ADE7566/ADE7569/ADE7166/ADE7169 may need to
wake up from PSM2 to service wake-up events (see the 3.3 V
Peripherals and Wake-Up Events section). PSM1 code
execution begins at the power-on reset vector. After servicing
the wake-up event, the ADE7566/ADE7569/ADE7166/
ADE7169 can return to PSM2 by setting Bit 4 in the Power
Control SFR (POWCON, 0xC5) to shut down the MCU core.
Automatic Switch to VDD (PSM2 to PSM0)
If the conditions to switch VSWOUT from VBAT to VDD occur (see
the Battery Switchover section), the operating mode switches to
PSM0. When this switch occurs, the MCU core and the analog
circuitry used in the ADE energy measurement DSP
automatically restart. PSM0 code execution begins at the power-
on reset vector.
Automatic Switch to VDD (PSM1 to PSM0)
If the conditions to switch VSWOUT from VBAT to VDD occur (see
the Battery Switchover section), the operating mode switches to
PSM0. When this switch occurs, the analog circuitry used in the
ADE energy measurement DSP automatically restarts. Note that
code execution continues normally. A software reset can be
performed to start PSM0 code execution at the power-on reset
vector.
USING THE POWER MANAGEMENT FEATURES
Because program flow is different for each operating mode, the
status of VSWOUT must be known at all times. The VSWSOURCE
bit in the Peripheral Configuration SFR (PERIPH, 0xF4)
indicates what VSWOUT is connected to (see Table 19). This bit can
be used to control program flow on wake-up. Because code
execution always starts at the power-on reset vector, Bit 6 of the
PERIPH SRF can be tested to determine which power supply is
being used and to branch to normal code execution or to wake
up event code execution. Power supply events can also occur
when the MCU core is active. To be aware of the events that
change what VSWOUT is connected to, use the following guidelines:
•
Enable the battery switchover interrupt (EBSO)
if VSWOUT = VDD at power-up.
•
Enable the power supply restored interrupt (EPSR)
if VSWOUT = VBAT at power-up.
An early warning that battery switchover is about to occur is
provided by SAG detection and possibly low VDCIN detection
(see the Battery Switchover section).
For a user-controlled battery switchover, enable automatic
battery switchover on low VDD only. Then, enable the low VDCIN
event to generate the PSM interrupt. When a low VDCIN event
occurs, start data backup. Upon completion of the data backup,
enable battery switchover on low VDCIN. Battery switchover
occurs 30 ms later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com