Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7566ASTZF16-RL Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7566ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF16-RL Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7566ASTZF16-RL Datasheet HTML 43Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 44Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 45Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 46Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 47Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 48Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 49Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 50Page - Analog Devices ADE7566ASTZF16-RL Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 47 of 144
ANALOG-TO-DIGITAL CONVERSION
Each ADE7566/ADE7569/ADE7166/ADE7169 has two sigma-
delta (Σ-Δ) analog-to-digital converters (ADCs). The outputs of
these ADCs are mapped directly to waveform sampling SFRs
(Address 0xE2 to Address 0xE7) and are used for energy
measurement internal digital signal processing. In PSM1 (battery
mode) and PSM2 (sleep mode), the ADCs are powered down to
minimize power consumption.
For simplicity, the block diagram in Figure 43 shows a first-
order Σ-Δ ADC. The converter is made up of the Σ-Δ modulator
and the digital low-pass filter.
A Σ-∆ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE7566/ADE7569/ADE7166/ADE7169, the
sampling clock is equal to 4.096 MHz/5. The 1-bit DAC in the
feedback loop is driven by the serial data stream. The DAC
output is subtracted from the input signal. If the loop gain is
high enough, the average value of the DAC output (and,
therefore, the bit stream) can approach that of the input signal
level.
For any given input value in a single sampling interval, the data
from the 1-bit ADC is virtually meaningless. Only when a large
number of samples are averaged is a meaningful result obtained.
This averaging is carried into the second part of the ADC, the
digital low-pass filter. By averaging a large number of bits from
the modulator, the low-pass filter can produce 24-bit data-
words that are proportional to the input signal level.
The Σ-Δ converter uses two techniques to achieve high resolution
from what is essentially a 1-bit conversion technique. The first
is oversampling. Oversampling means that the signal is sampled
at a rate (frequency) that is many times higher than the bandwidth
of interest. For example, the sampling rate in the ADE7566/
ADE7569/ADE7166/ADE7169 is 4.096 MHz/5 (819.2 kHz),
and the band of interest is 40 Hz to 2 kHz. Oversampling has
the effect of spreading the quantization noise (noise due to
sampling) over a wider bandwidth. With the noise spread more
thinly over a wider bandwidth, the quantization noise in the
band of interest is lowered (see Figure 42).
However, oversampling alone is not efficient enough to improve
the signal-to-noise ratio (SNR) in the band of interest. For example,
an oversampling ratio of four is required to increase the SNR by
only 6 dB (1 bit). To keep the oversampling ratio at a reasonable
level, it is possible to shape the quantization noise so that the
majority of the noise lies at the higher frequencies. In the Σ-Δ
modulator, the noise is shaped by the integrator, which has a
high-pass-type response for the quantization noise. The result is
that most of the noise is at the higher frequencies where it can
be removed by the digital low-pass filter. This noise shaping is
shown in Figure 42.
409.6
0
819.2
2
NOISE
SIGNAL
DIGITAL
FILTER
ANTIALIAS
FILTER (RC)
SAMPLING
FREQUENCY
HIGH RESOLUTION
OUTPUT FROM DIGITAL
LPF
SHAPED
NOISE
409.6
0
819.2
2
NOISE
SIGNAL
FREQUENCY (kHz)
FREQUENCY (kHz)
Figure 42. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
+
–
INTEGRATOR
VREF
1-BIT DAC
DIGITAL
LOW-PASS
FILTER
24
MCLK/5
C
R
ANALOG
LOW-PASS FILTER
... 10100101 ...
LATCHED
COMPARATOR
Figure 43. First-Order
Σ-∆ ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com