Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9282A2CD Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC9282A2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282A2CD Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC9282A2CD Datasheet HTML 17Page - Torex Semiconductor XC9282A2CD Datasheet HTML 18Page - Torex Semiconductor XC9282A2CD Datasheet HTML 19Page - Torex Semiconductor XC9282A2CD Datasheet HTML 20Page - Torex Semiconductor XC9282A2CD Datasheet HTML 21Page - Torex Semiconductor XC9282A2CD Datasheet HTML 22Page - Torex Semiconductor XC9282A2CD Datasheet HTML 23Page - Torex Semiconductor XC9282A2CD Datasheet HTML 24Page - Torex Semiconductor XC9282A2CD Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21/30
XC9281/XC9282
Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Output Current (Continued)
(3) Ripple Voltage vs. Output Current
2.97
3.03
3.09
3.15
3.21
3.27
3.33
3.39
3.45
3.51
3.57
3.63
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9281B33E(VOUT=3.3V, fOSC=6MHz)
L =
0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=5.0,5.5V
2.97
3.03
3.09
3.15
3.21
3.27
3.33
3.39
3.45
3.51
3.57
3.63
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9282B33E(VOUT=3.3V, fOSC=6MHz)
VIN=5.5V
L =
0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=5.0V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
Output Current: IOUT (mA)
XC9281B10E/XC9282B10E(VOUT=1.0V, fOSC=6MHz)
XC9281
XC9282
VIN=3.7V
L =
0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(C1005X5R0J475M050BC)
2.97
3.03
3.09
3.15
3.21
3.27
3.33
3.39
3.45
3.51
3.57
3.63
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9281B33D(VOUT=3.3V, fOSC=4MHz)
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=5.0,5.5V
2.97
3.03
3.09
3.15
3.21
3.27
3.33
3.39
3.45
3.51
3.57
3.63
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9282B33D(VOUT=3.3V, fOSC=4MHz)
VIN=5.5V
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(GRM035R60J475ME15)
VIN=5.0V
VIN=4.2V
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
Output Current: IOUT (mA)
XC9281B10D/XC9282B10D(VOUT=1.0V, fOSC=4MHz)
XC9281
XC9282
VIN=3.7V
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(C1005X5R0J475M050BC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com