Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9282A2CD Datasheet(PDF) 30 Page - Torex Semiconductor

Part # XC9282A2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282A2CD Datasheet(HTML) 30 Page - Torex Semiconductor

Back Button XC9282A2CD Datasheet HTML 22Page - Torex Semiconductor XC9282A2CD Datasheet HTML 23Page - Torex Semiconductor XC9282A2CD Datasheet HTML 24Page - Torex Semiconductor XC9282A2CD Datasheet HTML 25Page - Torex Semiconductor XC9282A2CD Datasheet HTML 26Page - Torex Semiconductor XC9282A2CD Datasheet HTML 27Page - Torex Semiconductor XC9282A2CD Datasheet HTML 28Page - Torex Semiconductor XC9282A2CD Datasheet HTML 29Page - Torex Semiconductor XC9282A2CD Datasheet HTML 30Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
30/30
XC9281/XC9282 Series
1.
The product and product specifications contained herein are subject to change without notice to
improve performance characteristics. Consult us, or our representatives before use, to confirm
that the information in this datasheet is up to date.
2.
The information in this datasheet is intended to illustrate the operation and characteristics of our
products. We neither make warranties or representations with respect to the accuracy or
completeness of the information contained in this datasheet nor grant any license to any
intellectual property rights of ours or any third party concerning with the information in this
datasheet.
3.
Applicable export control laws and regulations should be complied and the procedures required
by such laws and regulations should also be followed, when the product or any information
contained in this datasheet is exported.
4.
The product is neither intended nor warranted for use in equipment of systems which require
extremely high levels of quality and/or reliability and/or a malfunction or failure which may cause
loss of human life, bodily injury, serious property damage including but not limited to devices or
equipment used in 1) nuclear facilities, 2) aerospace industry, 3) medical facilities, 4) automobile
industry and other transportation industry and 5) safety devices and safety equipment to control
combustions and explosions. Do not use the product for the above use unless agreed by us in
writing in advance.
5.
Although we make continuous efforts to improve the quality and reliability of our products;
nevertheless Semiconductors are likely to fail with a certain probability. So in order to prevent
personal injury and/or property damage resulting from such failure, customers are required to
incorporate adequate safety measures in their designs, such as system fail safes, redundancy
and fire prevention features.
6.
Our products are not designed to be Radiation-resistant.
7.
Please use the product listed in this datasheet within the specified ranges.
8.
We assume no responsibility for damage or loss due to abnormal use.
9.
All rights reserved. No part of this datasheet may be copied or reproduced unless agreed by Torex
Semiconductor Ltd in writing in advance.
TOREX SEMICONDUCTOR LTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com