Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9282B2CD Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9282B2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B2CD Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9282B2CD Datasheet HTML 1Page - Torex Semiconductor XC9282B2CD Datasheet HTML 2Page - Torex Semiconductor XC9282B2CD Datasheet HTML 3Page - Torex Semiconductor XC9282B2CD Datasheet HTML 4Page - Torex Semiconductor XC9282B2CD Datasheet HTML 5Page - Torex Semiconductor XC9282B2CD Datasheet HTML 6Page - Torex Semiconductor XC9282B2CD Datasheet HTML 7Page - Torex Semiconductor XC9282B2CD Datasheet HTML 8Page - Torex Semiconductor XC9282B2CD Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/30
XC9281/XC9282 Series
■BLOCK DIAGRAM
1) XC9281/XC9282 Series Type A
(*) "PWM/PFM Selector" in the XC9281 series is fixed to PWM control.
"PWM/PFM Selector" In the XC9282 series is fixed to PWM/PFM automatic switching control.
Diodes inside the circuit are an ESD protection diode and a parasitic diode.
2) XC9281/XC9282 Series Type B
(*) "PWM/PFM Selector" in the XC9281 series is fixed to PWM control.
"PWM/PFM Selector" In the XC9282 series is fixed to PWM/PFM automatic switching control.
Diodes inside the circuit are an ESD protection diode and a parasitic diode.
+
-
Vref with
Soft Start
S
R
Q
On Time
Generator
VIN
VOUT
Synch.
Buffer
Driver
Logic
Current Limit
CE Control Logic,
UVLO
-
+
Phase
Compensation
Error Amp.
Comparator
CFB
R2
R1
VOUT
GND
Lx
VIN
CE
PWM/PFM
Selector
+
-
Vref with
Soft Start
S
R
Q
On Time
Generator
VIN
VOUT
Synch.
Buffer
Driver
Logic
Current Limit
CE Control Logic,
UVLO
CL Auto-Discharge
-
+
Phase
Compensation
Error Amp.
Comparator
CFB
R2
R1
GND
Lx
VIN
CE
PWM/PFM
Selector
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com