Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC9282B2CD Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC9282B2CD
Description  HiSAT-COT ® Control Extremely Small 600mA Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9282B2CD Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC9282B2CD Datasheet HTML 18Page - Torex Semiconductor XC9282B2CD Datasheet HTML 19Page - Torex Semiconductor XC9282B2CD Datasheet HTML 20Page - Torex Semiconductor XC9282B2CD Datasheet HTML 21Page - Torex Semiconductor XC9282B2CD Datasheet HTML 22Page - Torex Semiconductor XC9282B2CD Datasheet HTML 23Page - Torex Semiconductor XC9282B2CD Datasheet HTML 24Page - Torex Semiconductor XC9282B2CD Datasheet HTML 25Page - Torex Semiconductor XC9282B2CD Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
22/30
XC9281/XC9282 Series
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Ripple Voltage vs. Output Current (Continued)
(4) Output Voltage vs. Ambient Temperature
(5) UVLO Voltage vs. Ambient Temperature
1.600
1.650
1.700
1.750
1.800
1.850
1.900
1.950
2.000
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta (℃)
XC9281B18E/XC9281B18D(VOUT=1.8V)
VIN=3.6,5.5V
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
Ambient Temperature: Ta (℃ )
XC9281B18E/XC9281B18D(VOUT=1.8V)
UVLO Release Voltage
UVLO Detect Voltage
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9281B18E/XC9282B18E(VOUT=1.8V, fOSC=6MHz)
XC9281
XC9282
VIN=3.7V
L =
0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(C1005X5R0J475M050BC)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9281B33E/XC9282B33E(VOUT=3.3V, fOSC=6MHz)
XC9281
XC9282
VIN=5.0V
L =
0.47μH(DFE18SANR47MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(C1005X5R0J475M050BC)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9281B18D/XC9282B18D(VOUT=1.8V, fOSC=4MHz)
XC9281
XC9282
VIN=3.7V
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(C1005X5R0J475M050BC)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current: IOUT (mA)
XC9281B33D/XC9282B33D(VOUT=3.3V, fOSC=4MHz)
XC9281
XC9282
VIN=5.0V
L =
1.0μH(DFE18SAN1R0MG0L)
CIN = 4.7μF(GRM035R60J475ME15)
CL = 4.7μF(C1005X5R0J475M050BC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com