Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA024 Datasheet(PDF) 39 Page - Microchip Technology

Part # 24AA024
Description  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA024 Datasheet(HTML) 39 Page - Microchip Technology

Back Button 24AA024_V01 Datasheet HTML 33Page - Microchip Technology 24AA024_V01 Datasheet HTML 34Page - Microchip Technology 24AA024_V01 Datasheet HTML 35Page - Microchip Technology 24AA024_V01 Datasheet HTML 36Page - Microchip Technology 24AA024_V01 Datasheet HTML 37Page - Microchip Technology 24AA024_V01 Datasheet HTML 38Page - Microchip Technology 24AA024_V01 Datasheet HTML 39Page - Microchip Technology 24AA024_V01 Datasheet HTML 40Page - Microchip Technology 24AA024_V01 Datasheet HTML 41Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20001210Q-page 39
24AA024/24LC024/24AA025/24LC025
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
24AA024 = 1.7V, 2-Kbit Addressable Serial EEPROM
with WP pin.
24LC024 = 2.5V, 2-Kbit Addressable Serial EEPROM
with WP pin.
24AA025 = 1.7V, 2-Kbit Addressable Serial EEPROM
with no WP pin.
24LC025 = 2.5V, 2-Kbit Addressable Serial EEPROM
with no WP pin.
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature Range:
I
=
-40°C to +85°C (Industrial)
E
=
-40°C to +125°C (Extended)
Package:
OT
= Plastic Small Outline Transistor, 5-Lead
(SOT-23) (Tape and Reel only) (24XX025 only)
P
= Plastic Dual In-Line – 300 mil Body,
8-Lead (PDIP)
SN
= Plastic Small Outline - Narrow, 3.90 mm Body,
8-Lead (SOIC)
ST
= Plastic Thin Shrink Small Outline – 4.4 mm,
8-Lead (TSSOP)
MS
= Plastic Micro Small Outline Package,
8-Lead (MSOP)
MC
= Plastic Dual Flat, No Lead Package –
2x3x1.0 mm Body, 8-Lead (DFN)
MNY(2) = Plastic Dual Flat, No Lead Package –
2x3x0.75mm Body, 8-Lead (TDFN) (Tape and
Reel only)
Examples:
a)
24AA024-I/P: Industrial Temperature,
1.7V,
PDIP package.
b)
24AA024-I/SN: Industrial Temperature, 1.7V,
SOIC package.
c)
24AA025T-I/ST: Tape and Reel,
Industrial Temperature, 1.7V, TSSOP package.
d)
24LC024-I/P: Industrial Temperature,
2.5V,
PDIP package.
e)
24LC024-E/MS: Extended Temperature, 2.5V,
MSOP package.
f)
24LC025T-I/OT: Tape and Reel,
Industrial Temperature, 2.5V, SOT-23 package.
PART NO.
X
/XX
Package
Temperature
Range
Device
[X]
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
2:
“Y” indicates a Nickel Palladium Gold
(NiPdAu) finish.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com