Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24AA024 Datasheet(PDF) 13 Page - Microchip Technology

Part # 24AA024
Description  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA024 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24AA024_V01 Datasheet HTML 9Page - Microchip Technology 24AA024_V01 Datasheet HTML 10Page - Microchip Technology 24AA024_V01 Datasheet HTML 11Page - Microchip Technology 24AA024_V01 Datasheet HTML 12Page - Microchip Technology 24AA024_V01 Datasheet HTML 13Page - Microchip Technology 24AA024_V01 Datasheet HTML 14Page - Microchip Technology 24AA024_V01 Datasheet HTML 15Page - Microchip Technology 24AA024_V01 Datasheet HTML 16Page - Microchip Technology 24AA024_V01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20001210Q-page 13
24AA024/24LC024/24AA025/24LC025
8.0
READ OPERATIONS
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
client address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24AA024/24LC024/24AA025/24LC025 contains
an Address Pointer that maintains the address of the
last word accessed, internally incremented by one.
Therefore, if the previous read access was to address
‘n’, the next current address read operation would
access data from address n + 1. Upon receipt of the
client address with the R/W bit set to ‘1’, the 24AA024/
24LC024/24AA025/24LC025 issues an acknowledge
and transmits the 8-bit data word. The host will not
acknowledge the transfer, but generate a Stop
condition, which causes the 24AA024/24LC024/
24AA025/24LC025
to
discontinue
transmission
(Figure 8-1).
8.2
Random Read
Random read operations allow the host to access any
memory location in a random manner. To perform this
type of read operation, the word address must first be
set. This is accomplished by sending the word address
to the 24AA024/24LC024/24AA025/24LC025 as part
of a write operation. Once the word address is sent, the
host generates a Start condition following the
acknowledge. This terminates the write operation, but
not before the internal Address Pointer is set. The host
then issues the control byte again, but with the R/W bit
set to a ‘1’.
The 24AA024/24LC024/24AA025/24LC025 will then
issue an acknowledge and transmit the 8-bit data word.
The host will not acknowledge the transfer, though it
does generate a Stop condition, which causes the
24AA024/24LC024/24AA025/24LC025 to discontinue
transmission (Figure 8-2). After this command, the
internal Address Pointer will point to the address
location following the one that was just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24AA024/24LC024/
24AA025/24LC025 transmits the first data byte, the
host issues an acknowledge (as opposed to a Stop
condition in a random read). This directs the 24AA024/
24LC024/24AA025/24LC025 to transmit the next
sequentially addressed 8-bit word (Figure 8-3).
To provide sequential reads, the 24AA024/24LC024/
24AA025/24LC025 contains an internal Address
Pointer that is incremented by one upon completion of
each operation. This Address Pointer allows the entire
memory contents to be serially read during one
operation.
The
internal Address
Pointer
will
automatically roll over from address 0FFh to address
000h.
FIGURE 8-1:
CURRENT ADDRESS READ
SP
Bus Activity
Host
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data (n)
A
C
K
N
o
A
C
K
S
T
A
R
T
Block
Select
Bits
101 0 A0 A1 A2 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com