Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC024 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC024
Description  2-Kbit I2C Serial EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC024 Datasheet(HTML) 1 Page - Microchip Technology

  24LC024 Datasheet HTML 1Page - Microchip Technology 24LC024 Datasheet HTML 2Page - Microchip Technology 24LC024 Datasheet HTML 3Page - Microchip Technology 24LC024 Datasheet HTML 4Page - Microchip Technology 24LC024 Datasheet HTML 5Page - Microchip Technology 24LC024 Datasheet HTML 6Page - Microchip Technology 24LC024 Datasheet HTML 7Page - Microchip Technology 24LC024 Datasheet HTML 8Page - Microchip Technology 24LC024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20001210Q-page 1
24AA024/24LC024/24AA025/24LC025
Device Selection Table
Features
• Single Supply with Operation from 1.7V to 5.5V for
24AA024/24AA025 Devices and 2.5V to 5.5V for
24LC024/24LC025 Devices
• Low-Power CMOS Technology:
- Read current: 1 mA, maximum
- Standby current: 1 µA, maximum (I-temp.)
• Organized as a Single Block of 256 Bytes
(256 x 8)
• Two-Wire Serial Interface, I2C Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time: 5 ms Maximum
• Self-timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• Hardware Write-Protect on 24XX024 Devices
• High Reliability:
- More than one million erase/write cycles
- Data retention: >200 years
- ESD protection: >4000V
• Factory Programming Available
• RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
Packages
• 8-Lead DFN, 8-Lead TDFN, 8-Lead MSOP, 8-
Lead PDIP, 8-Lead SOIC, 8-Lead TSSOP and 6-
Lead SOT-23 (24XX025 only)
Description
The Microchip Technology Inc. 24AA024/24LC024/
24AA025/24LC025 is a 2-Kbit Serial Electrically
Erasable PROM (EEPROM). The device is organized
as one block of 256 x 8-bit memory with a two-wire
serial interface. Its low-voltage design permits operation
down to 1.7V, with standby and active currents of only 1
µA and 1 mA, respectively. The device has a page write
capability for up to 16 bytes of data. Functional address
lines allow the connection of up to eight 24AA024/
24LC024/24AA025/24LC025 devices on the same bus
for up to 16 Kbits of contiguous EEPROM memory.
Package Types
Part Number
VCC Range
Max. Clock
Temp. Range Write Protect
Available Packages
24AA024
1.7V-5.5V
400 kHz(1)
I
Yes
MC, MNY, MS, P, SN, ST
24AA025
1.7V-5.5V
400 kHz(1)
I
No
MC, MNY, MS, OT, P, SN, ST
24LC024
2.5V-5.5V
400 kHz
I, E
Yes
MC, MNY, MS, P, SN, ST
24LC025
2.5V-5.5V
400 kHz
I, E
No
MC, MNY, MS, OT, P, SN, ST
Note 1: 100 kHz for VCC <2.5V
Note 1: WP pin is not internally connected on the
24XX025.
A0
A1
A2
VSS
VCC
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC/TSSOP/MSOP
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
VCC
SCL
SDA
VSS
A0
A1
DFN/TDFN
1
2
3
4
5
6
WP
(1)
(1)
2-Kbit I2C Serial EEPROM


Similar Part No. - 24LC024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC024 MICROCHIP-24LC024 Datasheet
163Kb / 12P
2K 2.5V I 2 C ??Serial EEPROM
1997
24LC024 MICROCHIP-24LC024 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24LC024 MICROCHIP-24LC024 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24LC024 MICROCHIP-24LC024 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24LC024 MICROCHIP-24LC024 Datasheet
555Kb / 30P
2K I2C Serial EEPROM
01/02/08
More results

Similar Description - 24LC024

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24164 STMICROELECTRONICS-M24164 Datasheet
135Kb / 21P
16 Kbit Serial I2C BUS EEPROM
23-Oct-2001
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
16 Kbit Serial I2C EEPROM with Extended Addressing
Feb-1999
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
17-Oct-2006
logo
ATMEL Corporation
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
AT24C512C-SSHD-T ATMEL-AT24C512C-SSHD-T Datasheet
960Kb / 21P
I2C-Compatiable (2-wire) Serial EEPROM 512-Kbit
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
logo
Microchip Technology
24AA64 MICROCHIP-24AA64_V01 Datasheet
735Kb / 51P
64-Kbit I2C Serial EEPROM
09/14/21
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
STMicroelectronics
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com