Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN8F5707FG Datasheet(PDF) 80 Page - SONiX Technology Company

Part # SN8F5707FG
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5707FG Datasheet(HTML) 80 Page - SONiX Technology Company

Back Button SN8F5707FG Datasheet HTML 76Page - SONiX Technology Company SN8F5707FG Datasheet HTML 77Page - SONiX Technology Company SN8F5707FG Datasheet HTML 78Page - SONiX Technology Company SN8F5707FG Datasheet HTML 79Page - SONiX Technology Company SN8F5707FG Datasheet HTML 80Page - SONiX Technology Company SN8F5707FG Datasheet HTML 81Page - SONiX Technology Company SN8F5707FG Datasheet HTML 82Page - SONiX Technology Company SN8F5707FG Datasheet HTML 83Page - SONiX Technology Company SN8F5707FG Datasheet HTML 84Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Timer 0 and Timer 1
Datasheet Rev. 2.4
80
14 Timer 0 and Timer 1
Timer 0 and Timer 1 are two independent binary up timers. Timer 0 has four different operation
modes: (1) 13-bit up counting timer, (2) 16-bit up counting timer, (3) 8-bit up counting timer with
specified reload value support, and (4) separated two 8-bit up counting timer. By contrast, Timer 1
has only mode 0 to mode 2 which are same as Timer 0. Timer 0 and Timer 1 respectively support
ET0 and ET1 interrupt function.
14.1
Timer 0 and Timer 1 Clock Selection
The figures below illustrate the clock selection circuit of Timer 0 and Timer 1. Timer 0 has three
clock sources selection: fcpu, fosc, and f RTC. All clock sources can be gated (pause) by INT0 pin if
T0GATE is applied. Timer 1 clock sources selection: fcpu and fosc. All clock sources can be gated
(pause) by INT1 pin if T1GATE is applied. Overall, the major difference between the two timers is
that Timer 0 additionally supports f RTC clock source (real time counter, RTC) which is functional if
the microcontroller’s CPU clock is ‘IHRC 32 MHz with RTC’ (refer to Reset and Power-on Controller)
and an off-chip 32 kHz crystal is connected.
÷12
M
U
X
fcpu
fosc
fRTC
T0EXT
M
U
X
T0CT
T0GATE
INT0
Timer 0 clock
T0RATE
Divider
÷1 to ÷128
M
U
X
÷12
fcpu
fosc
M
U
X
T1CT
T1GATE
INT1
Timer 1 clock
T1RATE
Divider
÷1 to ÷128
M
U
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com