Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN8F5707FG Datasheet(PDF) 39 Page - SONiX Technology Company

Part # SN8F5707FG
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5707FG Datasheet(HTML) 39 Page - SONiX Technology Company

Back Button SN8F5707FG Datasheet HTML 35Page - SONiX Technology Company SN8F5707FG Datasheet HTML 36Page - SONiX Technology Company SN8F5707FG Datasheet HTML 37Page - SONiX Technology Company SN8F5707FG Datasheet HTML 38Page - SONiX Technology Company SN8F5707FG Datasheet HTML 39Page - SONiX Technology Company SN8F5707FG Datasheet HTML 40Page - SONiX Technology Company SN8F5707FG Datasheet HTML 41Page - SONiX Technology Company SN8F5707FG Datasheet HTML 42Page - SONiX Technology Company SN8F5707FG Datasheet HTML 43Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Reset and Power-on Controller
Datasheet Rev. 2.4
39
7.2 Power-on Sequence
A power-on sequence would be triggered by LVD, watchdog, and external reset pin. It takes place
between the end of reset signal and program execution. Overall, it includes two stages: power
stabilization period, and clock stabilization period.
VDD
VSS
VDD
VSS
Watchdog Normal Run
Watchdog Stop
System Normal Run
System Stop
LVD Detect Level
External Reset
Low Detect
External Reset
High Detect
Watchdog
Overflow
Watchdog
Reset Delay
Time
External
Reset Delay
Time
Power On
Delay Time
Power
External Reset
Watchdog
Reset
System Status
The power stabilization period spends 4.6ms in typical condition. Afterward the microcontroller
fetches CPU Clock Source selection automatically. The selected clock source would be driven, and
the system counts 2048 times of the clock period and 5 times of the internal low-speed oscillator
clocks to ensure its reliability.
Note: In high power noise environment, user can put 10ohm resistor in the front of
0.1uF capacitor & VDD PAD to suppress power noise and avoid IC damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com