Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY28158PVC Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28158PVC
Description  Spread Spectrum Timing Solution for Serverworks Chipset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28158PVC Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28158PVC Datasheet HTML 1Page - SpectraLinear Inc CY28158PVC Datasheet HTML 2Page - SpectraLinear Inc CY28158PVC Datasheet HTML 3Page - SpectraLinear Inc CY28158PVC Datasheet HTML 4Page - SpectraLinear Inc CY28158PVC Datasheet HTML 5Page - SpectraLinear Inc CY28158PVC Datasheet HTML 6Page - SpectraLinear Inc CY28158PVC Datasheet HTML 7Page - SpectraLinear Inc CY28158PVC Datasheet HTML 8Page - SpectraLinear Inc CY28158PVC Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
Spread Spectrum Timing Solution for Serverworks Chipset
CY28158
Rev 1.0, November 20, 2006
Page 1 of 9
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Maximized EMI suppression using Cypress’s spread
spectrum technology
• Based on Industry Standard CK133 Pinout with all
outputs compliant to CK98 specifications
• 0.5% downspread outputs deliver up to 10dB lower EMI
• 6 skew-controlled copies of CPU output
• 6 copies of PCI output (synchronous w/CPU output)
• 2 copies of 66 MHz fixed frequency 3.3V clock
• 3 copies of 16.67 MHz IOAPIC clock, synchronous to
CPU clock
• 1 copy of 48 MHz USB output
• 2 copies of 14.31818 MHz reference clock
• Programmable to 133 or 100 MHz operation
• Power management control pins for clock stop and
shut down
• Available in 56-pin SSOP
Key Specifications
Supply Voltages: ......................................VDD33 = 3.3V ± 5%
.................................................................VDD25 = 2.5V ± 5%
CPU Output Jitter: ................................................... .<150 ps
CPU Output Skew:.................................................... <175 ps
CPU to 3V66 Output Offset:
0.0 to1.5 ns
(CPU leads)
CPU to IOAPIC Output Offset
1.5 to 4.0 ns (CPU leads)
CPU to PCI Output Offset ................. 0 to 4.0 ns (CPU leads)
Table 1. Pin Selectable Frequency
SEL133/100#
CPU0:5 (MHz)
PCI
1
133
33.3
0
100
33.3
Block Diagram
Pin Configuration
GND_REF
REF0
REF1
VDD_REF
X1
X2
GND_PCI
GND_PCI
PCI_F
VDD_PCI
PCI1
PCI2
GND_PCI
PCI3
PCI4
VDD_PCI
VDD_PCI
PCI5
GND_PCI
GND_3V66
GND_3V66
VDD_3V66
VDD_3V66
GND_3V66
VDD_IOAPIC
IOAPIC2
IOAPIC1
IOAPIC0
GND_IOAPIC
VDD_CPU
CPU5
CPU4
GND_CPU
VDD_CPU
CPU3
CPU2
GND_CPU
VDD_CPU
CPU1
CPU0
GND_CPU
VDDA
GNDA
PCI_STOP#
CPU_STOP#
PWR_DWN#
SPREAD#
SEL1
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
3V66_0
3V66_1
VDD_3V66
SEL133/100#
SEL0
VDD_48MHZ
48MHZ
GND_48MHZ
REF0:1
CPU0:5
3V66_0:1
XTAL
PLL 1
SPREAD#
X2
X1
PCI_F
PCI1:5
IOAPIC0:2
PLL2
OSC
STOP
Logic
Power
Tristate
Logic
SEL0
SEL1
SEL133/100#
Clock
CPU_STOP#
÷2/÷1.5
STOP
Logic
Clock
Down
Logic
÷2
STOP
Logic
Clock
÷2
2
6
2
1
5
3
1
PCI_STOP#
PWRDWN#
48MHz


Similar Part No. - CY28158PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28158PVC CYPRESS-CY28158PVC Datasheet
220Kb / 10P
Spread Spectrum Timing Solution for Serverworks Chipset
CY28158PVCT CYPRESS-CY28158PVCT Datasheet
220Kb / 10P
Spread Spectrum Timing Solution for Serverworks Chipset
More results

Similar Description - CY28158PVC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W210 CYPRESS-W210 Datasheet
162Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
April 11, 2000, rev. C
CY28158 CYPRESS-CY28158 Datasheet
220Kb / 10P
Spread Spectrum Timing Solution for Serverworks Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
logo
Renesas Technology Corp
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com