Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5970 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L5970
Description  UP TO 1A STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L5970 Datasheet HTML 2Page - STMicroelectronics L5970 Datasheet HTML 3Page - STMicroelectronics L5970 Datasheet HTML 4Page - STMicroelectronics L5970 Datasheet HTML 5Page - STMicroelectronics L5970 Datasheet HTML 6Page - STMicroelectronics L5970 Datasheet HTML 7Page - STMicroelectronics L5970 Datasheet HTML 8Page - STMicroelectronics L5970 Datasheet HTML 9Page - STMicroelectronics L5970 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
L5970D
8/10
APPLICATION IDEAS
Figure 16. Dual output voltage with auxiliary winding
Figure 17. Buck-Boost regulator
Figure 18. Positive Buck-Boost regul
Figure 19. Synchronization example
VIN=12V
C1
10uF
25V
Ceramic
D1
STPS25L25U
VCC
COMP
GND
OUT
FB
INH
SYNC VREF
L5970D
1
3
7
5
6
4
8
2
R3
4.7k
U1
C3
22nF
3.3V
VOUT=3.3V
0.5A
C2
220pF
VOUT1=5V
30mA
C5
47uF
10V
Lp=22uH
D2
1N4148
C4
100uF
10V
N1/N2=2
VIN=12V
C1
10uF
25V
Ceramic
D1
STPS2L25U
VCC
COMP
GND
OUT
FB
INH
SYNC VREF
1
3
7
5
6
4
8
2
R3
4.7k
U1
L1
33uH
2.7k
24k
C4
22nF
3.3V
C5
100uF
16V
L5970
VOUT=-12V/0.3A
C3
220pF
C2
10uF
35V
Ceramic
Vin=12V Vout=-12V
Iout=0.5A
Efficiency=81%
VIN=5V
C1
10uF
25V
Ceramic
D1
STPS2L25U
VCC
COMP
GND
OUT
FB
INH
SYNC VREF
L5970
1
3
7
5
6
4
8
2
R3
4.7k
U1
L1
33uH
24k
2.7k
C3
22nF
3.3V
C4
100uF
16V
VOUT=12V/0.3A
C2
220pF
D2
STPS2L25U
M1
STN4NE03L
Vin=5V Vout=12V Iout=0.3A Efficiency=76%
VCC
GND
OUT
FB
INH
SYNC VREF
1
3
7
5
6
4
8
2
L5970D
COMP
VCC
GND
OUT
FB
INH
SYNC VREF
1
3
7
5
6
4
8
2
L5970D
COMP
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com