Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5970 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5970
Description  UP TO 1A STEP DOWN SWITCHING REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970 Datasheet(HTML) 5 Page - STMicroelectronics

  L5970 Datasheet HTML 1Page - STMicroelectronics L5970 Datasheet HTML 2Page - STMicroelectronics L5970 Datasheet HTML 3Page - STMicroelectronics L5970 Datasheet HTML 4Page - STMicroelectronics L5970 Datasheet HTML 5Page - STMicroelectronics L5970 Datasheet HTML 6Page - STMicroelectronics L5970 Datasheet HTML 7Page - STMicroelectronics L5970 Datasheet HTML 8Page - STMicroelectronics L5970 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
L5970D
Figure 7. Quiescent Current vs. Junction
Temperature
Figure 8. Shutdown Current vs.Junction
Temperature
Figure 9. Switching Frequency vs.Junction
Temperature
1.2
1.4
1.6
1.8
2
-50
050
100
150
Tj (°C)
Iq (mA)
Vcc = 12V
DC = 0%
30
40
50
60
70
-50
0
50
100
150
Ishd (
µA)
Vcc = 12V
Tj (°C)
220
230
240
250
260
-50
0
50
100
150
Tj (C)
Fsw (KHz)
Vcc = 12V
Vo = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com