Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2RF Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # P2RF
Description  A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button P2RF Datasheet HTML 11Page - Omron Electronics LLC P2RF Datasheet HTML 12Page - Omron Electronics LLC P2RF Datasheet HTML 13Page - Omron Electronics LLC P2RF Datasheet HTML 14Page - Omron Electronics LLC P2RF Datasheet HTML 15Page - Omron Electronics LLC P2RF Datasheet HTML 16Page - Omron Electronics LLC P2RF Datasheet HTML 17Page - Omron Electronics LLC P2RF Datasheet HTML 18Page - Omron Electronics LLC P2RF Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
Common Sockets
Bridges between Adjacent Sockets
Note: The
@ in the model number is replaced with the insulation color specification code. B: Black, S: Blue, R: Red
Terminal Covers for PYFZ-08/PYFZ-14
Note: These covers cannot be used for PYF08A and PYF14A.
Use these covers in a combination with PYFZ-08 and PYFZ-14.
Dimensions with terminal cover
(Unit: mm)
Pitch
Applicabl
e models
Appearance
Dimensions (mm)
Model
Specifications
22
mm
PYFZ-08
PYF08A
PYD-025B
@(2P)
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temperature: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with no
icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Package qty: 10/bag
PYD-085B
@(8P)
29
mm
PYFZ-14
PYF14A
PYD-026B
@(2P)
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temperature: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with no
icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Package qty: 10/bag
PYD-086B
@(8P)
Applicable
models
Appearance
Model
PYFZ-08
PYCZ-C08
(2 pcs/set)
PYFZ-14
PYCZ-C14
(1 pcs/set)
22
40°
3.3
5.6
22
154
40°
3.3
5.6
29
40°
3.3
5.6
29
203
40°
3.3
5.6
72 max.
23 max.
33 max.
PYCZ-C08
72 max.
34 max.
29.5 max.
PYCZ-C14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com