Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR.A Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5802PWPR.A
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR.A Datasheet(HTML) 4 Page - Texas Instruments

  TAS5802PWPR.A Datasheet HTML 1Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 2Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 3Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 4Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 5Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 6Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 7Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 8Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
Table 4-1. Pin Functions For TSSOP28 Package (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
4
VR_DIG
P
Internally regulated 1.5-V digital supply voltage. This pin must not be used to drive
external devices
5
DGND
P
Digital ground
6
LRCLK
DI
Input serial audio data left/right clock (sample rate clock)
7
SCLK
DI
Serial audio data clock (shift clock). SCLK is the serial audio port input data bit clock.
8
SDIN
DI
Serial audio data input. SDIN supports three discrete (stereo) data formats
9
SDOUT
DO
Serail audio data output, the source data can select as Pre-DSP or Post-DSP.
10
SDA
DI/O
I2C serial control data interface input/output
11
SCL
DI
I2C serial control clock input
12
PDN
DI
Power down, active-low. PDN sets the amplifier in Shutdown, turn off all internal
regulators.
13
AVDD
P
Internally regulated 5 V analog power voltage. This pin must not be used to drive external
devices.
14
AGND
G
Analog ground
15
PVDD
P
PVDD voltage input
16
PVDD
P
PVDD voltage input
17
OUT_B+
PO
Positive pin for differential speaker amplifier output B+
18
BST_B+
P
Connection point for the OUT_B+ bootstrap capacitor which is used to create a power
supply for the high-side gate drive for OUT_B+
19
PGND
G
Ground reference for power device circuitry. Connect this pin to system ground
20
OUT_B-
NO
Negative pin for differential speaker amplifier output B-
21
BST_B-
P
Connection point for the OUT_B- bootstrap capacitor which is used to create a power
supply for the high-side gate drive for OUT_B-
22
BST_A-
P
Connection point for the OUT_A- bootstrap capacitor which is used to create a power
supply for the high-side gate drive for OUT_A-
23
OUT_A-
NO
Negative pin for differential speaker amplifier output A-
24
PGND
G
Ground reference for power device circuitry. Connect this pin to system ground
25
BST_A+
P
Connection point for the OUT_A+ bootstrap capacitor which is used to create a power
supply for the high-side gate drive for OUT_A+
26
OUT_A+
PO
Positive pin for differential speaker amplifier output A+
27
PVDD
P
PVDD voltage input
28
PVDD
P
PVDD voltage input
PowerPADTM
G
Ground, connect to grounded heat sink for best system performance.
(1)
AI = Analog input, AO = Analog output, DI = Digital Input, DO = Digital Output, DI/O = Digital Bi-directional (input and output), PO =
Positive output, NO = Negative output, P = Power, G = Ground (0 V)
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com