Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5802PWPR.A Datasheet(PDF) 44 Page - Texas Instruments

Part # TAS5802PWPR.A
Description  TAS5802 22W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96Khz Extended Processing and Low Idle Power Dissipation
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5802PWPR.A Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5802PWPR.A Datasheet HTML 40Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 41Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 42Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 43Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 44Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 45Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 46Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 47Page - Texas Instruments TAS5802PWPR.A Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
7.1.4 I2C_PAGE_AUTO_INC Register (Offset = Fh) [Reset = 00h]
I2C_PAGE_AUTO_INC is shown in Figure 7-4 and described in Table 7-6.
Return to the Summary Table.
I2C DSP memory access page auto increment
Figure 7-4. I2C_PAGE_AUTO_INC Register
7
6
5
4
3
2
1
0
RESERVED
PAGE_INC
RESERVED
R/W-0h
R/W-0h
R/W-0h
Table 7-6. I2C_PAGE_AUTO_INC Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
3
PAGE_INC
R/W
0h
Page auto increment disable
Disable page auto increment mode. for non-zero books. When end
of page is reached it goes back to 8th address location of next page
when this bit is 0. When this bit is 1 it goes to 0 th location of current
page itself like in older part.
0: Enable Page auto increment
1: Disable Page auto increment
2-0
RESERVED
R/W
0h
TAS5802
SLASFB7A – NOVEMBER 2024 – REVISED AUGUST 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TAS5802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com