Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-XLA-32.768KHZ-2 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB-RTC-XLA-32.768KHZ-2
Description  Ultra-Low Power RTC Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-XLA-32.768KHZ-2 Datasheet(HTML) 4 Page - Abracon Corporation

  AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AB-RTC-XLA-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 4
Disclaimer
lign
Check Inventory
S
lign
Request Samples
DC Characteristics (TA = -40 to +85°C unless otherwise indicated. VDD = 0.9 to 5.5V, TYP values at 25°C and 3.0V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Inputs
VI
Input Voltage
VSS-0.5
VDD +0.5
VIH
HIGH level input voltage
0.7*VDD
VDD
V
VIL
LOW level input voltage
VSS
0.3 * VDD
V
ILEAK
Input leakage current
VI =VSS or VDD
0
µA
VI = VSS or VDD, post ESD event
-0.15
+0.15
CI
Input capacitance(5)
On pins SDA, SCL and
CLKOE
7
pF
Outputs
VOH
HIGH level output voltage
On pin CLKOUT
0.8*VDD
VDD
V
VOL
LOW level output voltage
On pins SDA, INT, CLKOUT
VSS
0.2*VDD
V
IOH
HIGH level output current
Output source current
On pin CLKOUT, VOH = 2.6V,
VDD = 3.0V
1
3
V
IOL
LOW level output current
Output sink current
On pins, SDA, VOL = 0.4 V,
VDD = 3.0 V
3
8.5
mA
On pins, INT, VOL = 0.4 V,
VDD = 3.0 V
2
6
On pin, CLKOUT, VOL = 0.4 V,
VDD = 3.0 V
1
3
Note 5:
Implicit by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com