Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AB-RTC-XLA-32.768KHZ-2 Datasheet(PDF) 5 Page - Abracon Corporation

Part # AB-RTC-XLA-32.768KHZ-2
Description  Ultra-Low Power RTC Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-XLA-32.768KHZ-2 Datasheet(HTML) 5 Page - Abracon Corporation

  AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-XLA-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AB-RTC-XLA-32.768kHz-2
Ultra-Low Power RTC Module
Revision: Initial Release
9/9/2025
Page 5
Disclaimer
lign
Check Inventory
S
lign
Request Samples
I2C BUS Timing Characteristics
Caution:
When communicating with the AB-RTC-XLA-32.768kHz-2 module, the series of operations from transmitting the
START (or repeated START) condition to transmitting the STOP (or repeated START) condition should occur within 1
second. If this series of operations requires 1 second or more, the I2C-bus interface will be automatically cleared and
set to standby mode by the bus timeout function of the AB-RTC-XLA-32.768kHz-2 module.
SYMBOL
PARAMETER
MIN
MAX
UNIT
fSCL
SCL input clock frequency
0
400
kHz
tLOW
Low period of SCL clock
1.3
µs
tHIGH
High period of SCL clock
0.6
µs
tRISE
Rise time of SDA and SCL
20
300
ns
tFALL
Fall time of SDA and SCL
20 x (VDD / 5.5V)
300
ns
tHD:STA
START condition hold time
0.6
µs
tSU:STA
START condition setup time
0.6
µs
tSU:DAT
SDA setup time
100
ns
tHD:DAT
SDA hold time
0
µs
tSU:STO
STOP condition setup time
0.6
µs
tBUF
Bus free time before a new transmission
1.3
µs
tVD:DAT
Data valid time
0
0.9
µs
tVD:ACK
Data valid acknowledge time
0
0.9
µs
tSP
Spike pulse width
0
50
ns
Cb
Capacitive load for each bus line
400
pF
S = Start condition, Sr = Repeated Start condition, P = Stop condition
I2C AC Characteristics (VDD = 1.8, to 5.5V TA = -40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com