Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CS160T-E/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 25CS160T-E/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160T-E/SN Datasheet(HTML) 4 Page - Microchip Technology

  25CS160T-E/SN Datasheet HTML 1Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 2Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 3Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 4Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 5Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 6Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 7Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 8Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 4
25CS160
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC...........................................................................................................................................................................6.25V
All inputs and outputs w.r.t. VSS ...........................................................................................................0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +155°C
Ambient temperature under bias.............................................................................................................-40°C to +150°C
ESD protection on all pins.......................................................................................................................................... 4 kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TAMB = -40°C to +85°C
VCC = 1.7V to 5.5V
Extended (E): TAMB = -40°C to +125°C VCC = 1.8V to 5.5V
Extended (H): TAMB = -40°C to +150°C VCC = 2.5V to 5.5V
Param.
No.
Symbol
Characteristic
Min.
Typical
Max.
Units
Test Conditions
D001
VIH
High-Level Input
Voltage
VCC X 0.7
VCC + 1
V
D002
VIL
Low-Level Input
Voltage
-0.6
VCC X 0.3
V
D003
VOL
Low-Level Output
Voltage
——
0.4
V
IOL =3.0 mA, VCC =4.5V
——
0.2
V
IOL =1.0 mA, VCC =2.5V
D004
VOH
High-Level Output
Voltage
VCC - 0.5
V
IOH =-400µA
D005
ILI
Input Leakage Current
±1
µA
CS =VCC, VIN =VSS or VCC
D006
ILO
Output Leakage
Current
——
±1
µA
CS =VCC, VOUT =VSS or VCC
D007
CINT
Internal Capacitance
(all inputs and outputs)
——
6
pF
TAMB =+25°C, FCLK =1.0 MHz,
VCC =5.0V (Note 1)
D008
ICCREAD Operating Current
——
5
mA
VCC =5.5V, FCLK =20MHz,
SO = Open
——
3
mA
VCC =4.5V, FCLK =10MHz,
SO = Open
——
2
mA
VCC =2.5V, FCLK =5MHz,
SO = Open
D009
ICCWRITE Operating Current
——
3
mA
VCC =5.5V
——
2
mA
VCC =2.5V
D010
ICCS
Standby Current
——
10
µA
CS =VCC =5.5V,TAMB = +150°C,
VIN =VCC or VSS
——
3
µA
CS = VCC = 5.5V, TAMB = +125°C,
VIN =VCC or VSS
——
1
µA
CS = VCC = 5.5V, TAMB = +85°C,
VIN =VCC or VSS
Note 1:
This parameter is not 100% tested but is ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com