Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25CS160T-E/SN Datasheet(PDF) 1 Page - Microchip Technology

Part # 25CS160T-E/SN
Description  16-Kbit SPI Serial EEPROM with 128-Bit Serial Number
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25CS160T-E/SN Datasheet(HTML) 1 Page - Microchip Technology

  25CS160T-E/SN Datasheet HTML 1Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 2Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 3Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 4Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 5Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 6Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 7Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 8Page - Microchip Technology 25CS160T-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
 2026 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20007008B-page 1
25CS160
Features
• 16-Kbit Serial EEPROM:
- 2,048 x 8 bit organization
- Page size of 32 bytes
- Byte or sequential reads
- Byte or page writes
- Self-timed write cycle (4 ms maximum)
• Backward Compatible with 25AA160D/25LC160D
and AT25160B Serial EEPROMs
• Security Register:
- Preprogrammed 128-bit serial number
- 32-byte user-programmable, lockable ID
page
• Built-in Error Correction Code (ECC) Logic:
- ECC Status bit via the STATUS register
• Programmable Undervoltage Lockout Detection
• JEDEC® SPI Manufacturer Read ID Support
• High-Speed Clock Frequency:
-20 MHz at VCC ≥ 4.5V
-10 MHz at VCC ≥ 2.5V
- 5 MHz at VCC ≥ 1.7V
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection:
- Power on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Low-Power CMOS Technology:
- Voltage range: 1.7V to 5.5V
- Write current: 3.0 mA at 5.5V
- Read current: 3.0 mA at 4.5V, 10 MHz
- Standby current: 1.0 µA at 5.5V (I-Temp.)
• High Reliability:
- More than four million erase/write cycles
- Built-in ECC logic for increased reliability
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Ranges:
Packages
• 8-Lead MSOP, 8-Lead SOIC, 6-Lead SOT-23,
8-Lead TSSOP and 8-Pad UDFN
Package Types (not to scale)
Pin Function Table
- Industrial (I):
-40°C to +85°C
- Extended (E):
-40°C to +125°C
- Extended (H):
-40°C to +150°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect Pin
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
8-Lead SOIC/MSOP/TSSOP
(Top View)
1
2
3
4
8
7
6
5
SO
WP
V
V
HOLD
SCK
SI
CS
SO
WP
Vcc
HOLD
SCK
SI
8-Pad UDFN
(Top View)
1
2
3
45
6
7
8
CS
V
12
3
4
5
6
SCK
V
SI
SO
CS
V
6-Lead SOT-23
(Top View)
16-Kbit SPI Serial EEPROM with 128-Bit Serial Number


Similar Part No. - 25CS160T-E/SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25CSM04 MICROCHIP-25CSM04 Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
25CSM04-I/MF MICROCHIP-25CSM04-I/MF Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
25CSM04-I/SN MICROCHIP-25CSM04-I/SN Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
25CSM04T-I/CS0668 MICROCHIP-25CSM04T-I/CS0668 Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
25CSM04T-I/MF MICROCHIP-25CSM04T-I/MF Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
More results

Similar Description - 25CS160T-E/SN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128 STMICROELECTRONICS-M95128_06 Datasheet
321Kb / 41P
128 Kbit Serial SPI bus EEPROM with high speed clock
27-Jun-2006
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128 STMICROELECTRONICS-M95128_10 Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
M95128-RMB6TG STMICROELECTRONICS-M95128-RMB6TG Datasheet
681Kb / 49P
128-Kbit serial SPI bus EEPROM with high-speed clock
19-Dec-2012
M95128-DRE STMICROELECTRONICS-M95128-DRE Datasheet
748Kb / 41P
128-Kbit serial SPI bus EEPROM - 105 C Operation
10-Feb-2015
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
logo
Microchip Technology
24CS512 MICROCHIP-24CS512 Datasheet
1Mb / 66P
512-Kbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
02/28/20
25CSM04 MICROCHIP-25CSM04 Datasheet
753Kb / 55P
4-Mbit SPI Serial EEPROM with 128-Bit Serial Number and Enhanced Write Protection
Revision D (05/2022)
logo
STMicroelectronics
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com