Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1563GS Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1563GS
Description  Single-Pole, Normally Open, Current Limited OptoMOS® Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1563GS Datasheet(HTML) 3 Page - Littelfuse

  CPC1563GS Datasheet HTML 1Page - Littelfuse CPC1563GS Datasheet HTML 2Page - Littelfuse CPC1563GS Datasheet HTML 3Page - Littelfuse CPC1563GS Datasheet HTML 4Page - Littelfuse CPC1563GS Datasheet HTML 5Page - Littelfuse CPC1563GS Datasheet HTML 6Page - Littelfuse CPC1563GS Datasheet HTML 7Page - Littelfuse CPC1563GS Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1563
www.ixysic.com
3
R03
V
TH
I
LMT
Over Voltage De-Activation Delay
Over Voltage Re-Activation Delay
Current Through Switch
Time
Line Voltage
V
TH
I
LMT
CPC1563 Waveforms: Resistive Load, R
L=0
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.10
1.15
1.20
1.25
1.30
1.35
Typical LED Forward Voltage Drop
vs. Temperature
(I
F=5mA, IL=100mA)
LED Current (mA)
12345
6
789
10
11
0.0
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
T
A=85ºC
T
A=25ºC
T
A=-40ºC
LED Current (mA)
12345
6
789
10
11
0.0
0.1
0.2
0.3
0.4
0.5
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1mA)
T
A=85ºC
T
A=25ºC
T
A=-40ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=1mA)
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com