Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPC1563GS Datasheet(PDF) 1 Page - Littelfuse

Part # CPC1563GS
Description  Single-Pole, Normally Open, Current Limited OptoMOS® Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1563GS Datasheet(HTML) 1 Page - Littelfuse

  CPC1563GS Datasheet HTML 1Page - Littelfuse CPC1563GS Datasheet HTML 2Page - Littelfuse CPC1563GS Datasheet HTML 3Page - Littelfuse CPC1563GS Datasheet HTML 4Page - Littelfuse CPC1563GS Datasheet HTML 5Page - Littelfuse CPC1563GS Datasheet HTML 6Page - Littelfuse CPC1563GS Datasheet HTML 7Page - Littelfuse CPC1563GS Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1563-R03
1
CPC1563
Single-Pole, Normally Open, Current Limited OptoMOS® Relay
with Voltage Triggered Shutdown and Thermal Managementt
Part #
Description
CPC1563G
6-Pin DIP (50/Tube)
CPC1563GS
6-Pin Surface Mount (50/Tube)
CPC1563GSTR
6-Pin Surface Mount, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
600
V
P
Load Current
±120
mA
On-Resistance (max)
35
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Block Diagram
• Integrated Active Current-Limit with
Voltage Triggered Shutdown
• Thermal Shutdown
• Guaranteed Turn-On: 2mA Input Control Current
• 600V
P Blocking Voltage
• 3750V
rms Input/Output Isolation
• Small Surface Mount Package
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
Switching Characteristics of
Normally Open Devices
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• Simplifies Telecom Secondary Protection
• Telephony Hook Switch
• VoIP Gateways
• IP-PBXs
• Satellite and Cable Set-top Boxes
• V.92 (and Other Standard) Modems
• Embedded Modems for POS Terminals,
Automated Banking, Remote Metering,
Vending Machines, Security, and Surveillance
• Instrumentation
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
Thermal
Management
Gate Drive
Control
Current Limit
and
Over-Voltage
Protection
+
V
F
-
LOAD
LOAD
The CPC1563 is a normally open (1-Form-A) Solid
State Relay with an integrated current limit feature
that targets the international hook switch telephony
market by providing excellent power-cross immunity
for improved survivability in harsh environments.
When a fault condition occurs, usually in the form of
a voltage rise across the load/relay combination, the
relay will limit the current flow through the load to I
LMT.
As the fault voltage increases, the load is protected
by the relay's current limit, but the relay itself must
dissipate more and more power. If, while the relay is
in current limit, the voltage dropped across the relay
rises to the Voltage Triggered Shutdown threshold,
V
TH, then the current through the relay, and the load,
is cut to a nominal 100
A.
In the event of a fault condition that persists, and with
or without V
TH being exceeded, the temperature of
the relay's die could rise to a level that might damage
it. In this instance, internal thermal management
circuitry shuts the relay down.
When the voltage across the relay drops below V
TH,
and if the device is not in thermal shutdown, normal
operation is restored. If the fault condition persists,
then the events described above repeat.
When provided with adequate overvoltage protection,
the CPC1563 can pass regulatory voltage surge
requirements. The CPC1563 relay may be used in
both AC and DC applications.
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• IEC EN 62368-1: TUV Certificate B 082667 0008


Similar Part No. - CPC1563GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1563GS IXYS-CPC1563GS Datasheet
135Kb / 8P
Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1563GSTR IXYS-CPC1563GSTR Datasheet
135Kb / 8P
Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
More results

Similar Description - CPC1563GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com