Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCI474BB0 Datasheet(PDF) 3 Page - Weidmuller

Part # RCI474BB0
Description  RIDERSERIES RCI RCI424AC4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

RCI474BB0 Datasheet(HTML) 3 Page - Weidmuller

  RCI474BB0 Datasheet HTML 1Page - Weidmuller RCI474BB0 Datasheet HTML 2Page - Weidmuller RCI474BB0 Datasheet HTML 3Page - Weidmuller RCI474BB0 Datasheet HTML 4Page - Weidmuller RCI474BB0 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data sheet
 
RIDERSERIES RCI
RCI424AC4
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Technical data
 
 
Creation date January 10, 2019 2:13:27 PM CET
 
Catalogue status 10.01.2019 / We reserve the right to make technical changes.
3
Further details of approvals / standards
 
Standards
IEC 61810-1, UL508
  Certificate No. (CSA)
249409-2426937
Certificate No. (cURus)
E224238
   
 
Connection data
 
Wire connection method
Plug-in connection
  Pitch in mm (P)
5 mm
 
Classifications
 
ETIM 3.0
EC001437
  ETIM 4.0
EC001437
ETIM 5.0
EC001437
  ETIM 6.0
EC001437
UNSPSC
30-21-19-17
  eClass 5.1
27-37-16-01
eClass 6.2
27-37-16-01
  eClass 7.1
27-37-16-01
eClass 8.1
27-37-16-01
  eClass 9.0
27-37-16-01
eClass 9.1
27-37-16-01
   
 
Product information
 
Descriptive text technical data
x = 25.5 without test button / 26.7 with test button
 
Approvals
 
Approvals
ROHS
Conform
 
Downloads
 
Approval/Certificate/Document of
Conformity
DE_PA5600_160401_002.pdf
Brochure/Catalogue
CAT 4.2 ELECTR 18/19 EN
Engineering Data
EPLAN, WSCAD
Engineering Data
STEP
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com