Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RCI474BB0 Datasheet(PDF) 1 Page - Weidmuller

Part # RCI474BB0
Description  RIDERSERIES RCI RCI424AC4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

RCI474BB0 Datasheet(HTML) 1 Page - Weidmuller

  RCI474BB0 Datasheet HTML 1Page - Weidmuller RCI474BB0 Datasheet HTML 2Page - Weidmuller RCI474BB0 Datasheet HTML 3Page - Weidmuller RCI474BB0 Datasheet HTML 4Page - Weidmuller RCI474BB0 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data sheet
 
 
Creation date January 10, 2019 2:13:27 PM CET
 
Catalogue status 10.01.2019 / We reserve the right to make technical changes.
1
RIDERSERIES RCI
RCI424AC4
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 16
D-32758 Detmold
Germany
Fon: +49 5231 14-0
Fax: +49 5231 14-292083
www.weidmueller.com
Product image
Similar to illustration
General ordering data
 
Type
RCI424AC4
Order No.
8870180000
Version
RIDERSERIES RCI, Relay, No. of contacts: 2 CO
contact AgNi 90/10, Rated control voltage: 24 V
DC, Continuous current: 8 A, Plug-in connection
GTIN (EAN)
4032248613540
Qty.
10 pc(s).
 
 
 
Standard relay within the RIDERSERIES RCI.
• 2 CO contacts
• Relay with DC coil
• Relay with integrated status display and free-wheel
diode


Similar Part No. - RCI474BB0

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
RCI-11-000-A E-T-A-RCI-11-000-A Datasheet
2Mb / 7P
INTELLIGENT POWER DISTRIBUTION SYSTEMS RCI11
logo
Semtech Corporation
RCIAMP01001ZC SEMTECH-RCIAMP01001ZC Datasheet
526Kb / 7P
Low Voltage RailClamp® 1.0V ESD and EOS Protection
Rev 2.0
RCIAMP01501ZC SEMTECH-RCIAMP01501ZC Datasheet
583Kb / 9P
Low Voltage RailClamp® 1.5V ESD and EOS Protection
Rev 2.0
RCIAMP01511ZC SEMTECH-RCIAMP01511ZC Datasheet
614Kb / 11P
Femto Farad RailClamp® 1-Line, 200fF ESD Protection
Rev 2.0
RCIAMP01811ZA SEMTECH-RCIAMP01811ZA Datasheet
671Kb / 7P
Low Voltage RailClamp® 1.8V, ESD & EOS Protection
Rev 2.1
More results

Similar Description - RCI474BB0

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212053 PHOENIX-1212053 Datasheet
56Kb / 2P
Crimping pliers - CRIMPFOX-RCI 2,5
1212055 PHOENIX-1212055 Datasheet
68Kb / 3P
Crimping pliers - CRIMPFOX-RCI 1
1212057 PHOENIX-1212057 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX-RCI 6
1212058 PHOENIX-1212058 Datasheet
50Kb / 2P
Replacement die - CRIMPFOX-RCI 6/DIE
1212255 PHOENIX-1212255 Datasheet
53Kb / 2P
Covering hood - CF 500/COV RCI
1212263 PHOENIX-1212263 Datasheet
44Kb / 2P
Replacement die - CF 500/DIE RCI 1,5
1212687 PHOENIX-1212687 Datasheet
54Kb / 2P
Crimping pliers - CRIMPFOX-RCI 6-N
1212730 PHOENIX-1212730 Datasheet
44Kb / 2P
Crimping pliers - CRIMPFOX-RCI 6-M
3240016 PHOENIX-3240016 Datasheet
51Kb / 3P
Ring cable lug - C-RCI 1,5/M3
3240028 PHOENIX-3240028 Datasheet
80Kb / 3P
C-RCI 6/M5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com