Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6271 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6271
Description  MILLI-ACTUATOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6271 Datasheet(HTML) 4 Page - STMicroelectronics

  L6271 Datasheet HTML 1Page - STMicroelectronics L6271 Datasheet HTML 2Page - STMicroelectronics L6271 Datasheet HTML 3Page - STMicroelectronics L6271 Datasheet HTML 4Page - STMicroelectronics L6271 Datasheet HTML 5Page - STMicroelectronics L6271 Datasheet HTML 6Page - STMicroelectronics L6271 Datasheet HTML 7Page - STMicroelectronics L6271 Datasheet HTML 8Page - STMicroelectronics L6271 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (All the following parameters are specified @ 27
°C and V512 =
12V, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V512
Main power supply
4.5
13.2
V
HVP
(1)
Output positive Voltage
Double Supply Voltage
25
40
V
Single Supply Voltage V512
≥ 8
Single Supply Voltage V512
≤ 8
30
25
80
40
V
V
HVM
Output negative voltage
-40
-25
V
HVripple
HVP, HVM ripple
External filter cap. 100nF
Bang-Bang Mode
Linear Mode
2.5
0.8
V
V
DC-DC gain
Ratio of HVP and DC-DC ref.
voltage PIN15
19
20
21
I, hvp
Output current (see figure 1a)
I, hvm
Top
Time to operating condition
5
ms
Fswitch
(2)
Switching Frequency
80
550
kHz
Rds, on
Boost transistor ON resistance
4
Ω
Iboost
Boost transistor current limiting
700
mA
CP-slope
Charge Pump Slope
150
V/
µs
Isleep
Total current in sleep mode
1
mA
Vref
Reference voltage at PIN13
2.4
2.5
2.6
V
Ivref
Reference voltage output
current
-1
1
mA
Vref, cap
Filter capacitor at PIN13
10
100
nF
Iref, res
Resistor at PIN14 for precise
internal current (100
µA)
25
k
Ω
Vsup
Minimum OpAmp supply
Voltage (HVP if externally
given)
Double Supply
V512
+4
V
Single Supply
V512
+4
V
DC gain
OpAmp DC gain
130
dB
GBW
OpAmp Gain Bandwidth
product
Cload 0.4nF to 24nF
Double Supply Voltage
500
KHz
DCinp
OpAmp Input dynamic voltage
Double supply
-5
5
V
Single supply
1.2
10
V
DC-DC
OFF
DC-DC Converter switched-off
when DC
2REF voltage lower
than
0.6
V
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
V512
Supply voltage pin 20 referred to Ground
14
V
HVP
Positive high voltage referred to HVM
84
V
HVM
Negative high voltage referred to Ground
-42
V
IN A&B
Amplifier input voltage common mode
±6V
Vin o to 5
Level shifts input voltage
-0.5 to +5.5
V
Tamb
Operative Ambient Temperature
-20 to +80
°C
Tstg
Storage Temperature
-40 to +125
°C
All the voltage value are referred to ground.
L6270 - L6271
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com