Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6271 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6271
Description  MILLI-ACTUATOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6271 Datasheet(HTML) 5 Page - STMicroelectronics

  L6271 Datasheet HTML 1Page - STMicroelectronics L6271 Datasheet HTML 2Page - STMicroelectronics L6271 Datasheet HTML 3Page - STMicroelectronics L6271 Datasheet HTML 4Page - STMicroelectronics L6271 Datasheet HTML 5Page - STMicroelectronics L6271 Datasheet HTML 6Page - STMicroelectronics L6271 Datasheet HTML 7Page - STMicroelectronics L6271 Datasheet HTML 8Page - STMicroelectronics L6271 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vout
OpAmp Output dynamic voltage
Capacitive load
HVM
HVP
V
DC, Ibias
OpAmp Bias supply current
(both)
7mA
Iout
OpAmp Dynamic Output current
-75
75
mA
PSRR,P
OpAmp Positive power supply
rejection ratio
@ 50kHz
TBD
dB
PSRR,N
OpAmp Negative power supply
rejection ratio
@ 50kHz
TBD
dB
Cload
OpAmp Load capacitance
range
Voltage mode Gain min 20dB
0.4
24
nF
Cint
OpAmp Integration capacitance
Charge mode Gain min 20dB
0.4
24
nF
K
OpAmp Current ratio
OUTK/OUT1
9.8
10
10.2
Ierr
(3)
OpAmp Ioutk
Iout1 = 0
-10
50
µA
Voffset
OpAmp Input offset voltage
±10
mV
DCShift range
Dynamic Shifter
Input Range
14
V
Note 1: Selectable by external resistor.
Note 2: Set by external Coil and Capacitor.
Note 3: It will be write after silicon characterization, it’s designed for a maximum offset of a few mA.
In charge mode the Piezo is in open loop, and if Cpiezo = 0.4nF with a maximum Current error of
±5µA the Maximum long time voltage
drift is
±12mV/µs
ELECTRICAL CHARACTERISTICS (continued)
0
0.004
0.008
0.012
0.016
IL(A)
22
26
VS
(V)
Supply=5V
Supply=8V
D99IN1003
24
28
30
32
34
36
38
Figure 1a. HVP load regulation in single supply
mode”.
L6270 - L6271
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com