Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6515 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6515
Description  DUAL DC-MOTOR POSITIONING SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6515 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6515 Datasheet HTML 3Page - STMicroelectronics L6515 Datasheet HTML 4Page - STMicroelectronics L6515 Datasheet HTML 5Page - STMicroelectronics L6515 Datasheet HTML 6Page - STMicroelectronics L6515 Datasheet HTML 7Page - STMicroelectronics L6515 Datasheet HTML 8Page - STMicroelectronics L6515 Datasheet HTML 9Page - STMicroelectronics L6515 Datasheet HTML 10Page - STMicroelectronics L6515 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Symbol
Parameter
Pin
Test Condition
Min.
Typ.
Max.
Unit
VI
Input Voltage
G/1/2
gain=1
referred
to VREF
-1.65
+1.65
V
II
Input Bias Current
1
µA
VOL
Output Operating Low Voltage
H/1/2
referred to VREF
-1.62
V
I/1/2
Io=1mA
S7
closed
-1.3
VOH
Output Operating
low Voltage
I/1/2
+1.3
H/1/2
+1.62
RON
Output Resistance
On State
I1/2
S7 or S7
closed
150
260
Ω
VOS
Input Offset Voltage
H1/2
VIN=VREF
S7 closed
Io =0
±20
mV
VOS
Input Offset Voltage
G1/2
referred to VREF
g1/2 shorted
to H1/2
±20
mV
RMO
Output Matching
Resistance
I1/2
S7 or S7
closed
0.8
1.2
Ω
TACHO SIGNAL PROCESSING SECTION
VI
Input Voltage
J1/2
gain=1
1
4.6
V
II
Input Bias Current
1
µA
VOL
Lower Clamping Voltage
K1/2
Io=1ma
refered to VREF
-1.45
-1.22
V
VOH
Higher Clamping Voltage
+1.06
+1.56
V
VOS
Input Offset Voltage
J1/2
referred to VREF
K1/2 J1/2 shorted
±20
mV
ERROR AMPLIFIER SECTION
VOS
Output Offset Voltage
L1/2
N1/2=0
referred to VREF
±140
mV
ROUT
Output Resistance
0.5
1.7
K
Ω
VCLH
Current Limit Threshold
O1/2
P1/2
referred to VREF
±0.5
V
VCDO
Differential Output Offset Voltage
L1/2
Voff(+) -Voff(-)
±20
mV
CURRENT DECODER SECTION
L6515
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com