Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6515 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6515
Description  DUAL DC-MOTOR POSITIONING SYSTEM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6515 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6515 Datasheet HTML 4Page - STMicroelectronics L6515 Datasheet HTML 5Page - STMicroelectronics L6515 Datasheet HTML 6Page - STMicroelectronics L6515 Datasheet HTML 7Page - STMicroelectronics L6515 Datasheet HTML 8Page - STMicroelectronics L6515 Datasheet HTML 9Page - STMicroelectronics L6515 Datasheet HTML 10Page - STMicroelectronics L6515 Datasheet HTML 11Page - STMicroelectronics L6515 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Symbol
Parameter
Pin
Test Condition
Min.
Typ.
Max.
Unit
VH
Upper Triangle Threshold
Referred to VREF
+1.2
+1.8
V
VL
Lower Triangle Threshold
-1.6
-1.3
V
ICD
Charge/Discharge Current
IREF=500
µA
±160
±180
µA
VO
PWM Output Voltage
O1/2
Io=1.4mA
0.4
V
P1/2
2.7
OSCILLATOR -PWM SECTIONS
IREF
Current Reference Input Range
Z
0.3
0.7
mA
IO
Sink and Source Output Current
J1/2
IREF=0.5 mA
918
968
1018
µA
VREF
Reference Voltage
Z
IREF=20
µa
2.7
2.8
2.9
V
IO
Linearity Error
J1/2
IREF=0.5 mA
1.61
/FS
DAC SECTION
VINL
Input lOw Voltage
R
S
-0.3
0.8
V
VINH
Input High Voltage
T
U
27
V
IL
Input
V
W
-10
µA
IH
Input High Current High Voltage
X
Y
30
µA
INPUT LOGIC SECTION
L6515
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com