Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSCM020065P Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSCM020065P
Description  N-Channel Silicon Carbide Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSCM020065P Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSCM020065P Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 8Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 4 of 8
Typical Characteristics
Figure 1. Output Characteristics TJ = -55℃
Figure 2. Output Characteristics TJ = 25℃
Figure 3. Output Characteristics TJ = 175℃
Figure 4. Normalized On-Resistance vs. Temperature
Figure 5. On-Resistance vs. Drain Current
Figure 6. On-Resistance vs. Temperature
For Various Temperatures
For Various Gate Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com