Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSCM020065P Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HSCM020065P
Description  N-Channel Silicon Carbide Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HSCM020065P Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HSCM020065P Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 6Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 7Page - Guangdong Huixin Electronic Technology Co., Ltd. HSCM020065P Datasheet HTML 8Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
+86-769-22857832
huixin@hx kj.hk
Rev.01
Page 1 of 8
Features
HSCM020065P
N-Channel Silicon Carbide Power MOSFET
:
• High Blocking Voltage with Low On-Resistance
• High Speed Switching with Low Capacitances
• Easy to Parallel and Simple to Drive
• Avalanche Ruggedness
•
Lead Free
Applications:
• Solar Inverters
• Switch Mode Power Supplies
• High Voltage DC/DC Converters
• EV Charging
• Motor Drives
Benefits:
• Higher System Efficiency
• Reduced Cooling Requirements
• Increased Power Density
• Increased System Switching Frequency
Ordering Information
Part Number
Package
Marking
Packing
Qty.
T2PAK-7
HSCM020065P
R
Tape&ree
HSCM020065P
l
700 PCS
Maximum Ratings(TJ= 25℃ unless otherwise specified)
Symbol
Parameter
Value
Unit
Test Conditions
Note
VDSmax
Drain - Source Voltage
650
V
VGS=0V,ID =100μA
VGSmax
Gate - Source Voltage
-8/+22
V
Absolute maximum values
VGSop
Gate - Source Voltage
-4/+18
V
Recommended operational values
ID
Continuous Drain Current
92
64
A
VGS=18V, TC =25℃
VGS=18V, TC =100℃
Fig.19
ID(pulse)
Pulsed Drain Current
257
A
Pulse width tp limited by TJmax
Fig.22
PD
Power Dissipation
312
W
TC =25℃, TJ =175℃
Fig.20
TL
Solder Temperature
260
℃
TJ, Tstg
Operating Junction and
StorageTemperature
-55 to +
175
℃
VDS
RDS(ON)(Typ )
ID
650V
20mΩ
92A


Similar Part No. - HSCM020065P

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
HSCM020065K HUIXIN-HSCM020065K Datasheet
2Mb / 8P
N-Channel Silicon Carbide Power MOSFET
HSCM020065K-A HUIXIN-HSCM020065K-A Datasheet
4Mb / 8P
N-Channel Silicon Carbide Power MOSFET
HSCM020065L HUIXIN-HSCM020065L Datasheet
2Mb / 8P
N-Channel Silicon Carbide Power MOSFET
HSCM020065L-A HUIXIN-HSCM020065L-A Datasheet
4Mb / 8P
N-Channel Silicon Carbide Power MOSFET
More results

Similar Description - HSCM020065P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSC080SMA120J MICROSEMI-MSC080SMA120J Datasheet
1Mb / 10P
Silicon Carbide N-Channel Power MOSFET
logo
Microchip Technology
MSC180SMA120B MICROCHIP-MSC180SMA120B Datasheet
6Mb / 15P
Silicon Carbide N-Channel Power MOSFET
2021
MSC180SMA120S MICROCHIP-MSC180SMA120S Datasheet
6Mb / 16P
Silicon Carbide N-Channel Power MOSFET
2021
logo
Microsemi Corporation
APT40SM120B MICROSEMI-APT40SM120B Datasheet
381Kb / 6P
Silicon Carbide N-Channel Power MOSFET
Rev C 09/2016
logo
DinTek Semiconductor Co...
DTN19N120SC3 DINTEK-DTN19N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN20N120SC4 DINTEK-DTN20N120SC4 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC3 DINTEK-DTN40N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN40N120SC4 DINTEK-DTN40N120SC4 Datasheet
1Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC3 DINTEK-DTN58N120SC3 Datasheet
2Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
DTN58N120SC4 DINTEK-DTN58N120SC4 Datasheet
3Mb / 9P
1200V N-Channel Silicon Carbide Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com