Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDSP1.5M-ESS-2-18MY Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # MDSP1.5M-ESS-2-18MY
Description  PUSH BUTTON DIMMER SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MDSP1.5M-ESS-2-18MY Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  MDSP1.5M-ESS-2-18MY Datasheet HTML 1Page - Lorlin Electronics Ltd. MDSP1.5M-ESS-2-18MY Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
1
GENERAL ELECTRICAL &
MECHANICAL SPECIFICATION
o Made in UK.
o Push-Push switches with rotary
potentiometer in common housing.
o Printed circuit terminals.
o Used in domestic lighting dimmer
controls.
o Moulded components are in UL 94V-0 rated
materials.
o Wide range of resistance values available.
o Options also available include:-
o Ø4.0 Metal spindle
o Tactile Feel version (7.5º Index)
o Alternate Switch forces available
o AS & ES Termination available
o Non-Linear
o M10 x 1.0mm Bush Thread
Switch Rating:
10A @ 250Vac (resistive)
Life:
>25,000 Cycles
Operating Temperature:
-25 º C to +100 º C
Proof Voltage:
2,500Vac (Initial)
Insulation Resistance:
>999 M @ 500Vdc (Initial)
Resistance Values:
10K – 1.5M
Track Rating:
0.2W
Resistance Curve:
Linear
Switch Function:
1- pole changeover
Switch Travel:
3mm
Switch Operation Force:
15N (Nominal)
Rotational angle:
270º
Operating Torque:
0.2-0.6Ncm (Standard)
0.8-1.5Ncm (Tactile version)
End Stop Torque:
40Ncm (minimum)
Fixing Nut Torque:
1.1Nm (maximum)
Perm. Axial Load:
50N (maximum)
Spindle:
Polyamide 6.6 G.F. HB Rated
Housing:
Polyamide 6.6 G.F. V0 Rated
Terminals:
Switch: Brass CZ108 Sn Plated.
Potentiometer : Mild Steel Sn plated
MDSP PUSH BUTTON DIMMER SWITCHES
SPINDLE SIZES AVAILABLE
1 = Ø4.0 +0/-0.03
2 = Ø6.0 +0.00/-0.03
CLOCKWISE ROTATION
0 – max Ohms = AS
Max – 0 Ohms = ES
RoHS COMPLIANT
Approved to EN61058 by VDE, SEMKO,
NEMKO, DEMKO, FEMKO.
GENERAL FEATURES


Similar Part No. - MDSP1.5M-ESS-2-18MY

ManufacturerPart #DatasheetDescription
logo
C&K Components
MDS CK-COMPONENTS-MDS Datasheet
336Kb / 6P
Micro Snap-acting Detect Switches
MDS CK-COMPONENTS-MDS Datasheet
122Kb / 3P
Micro Snap-acting Detect Switches
MDS CK-COMPONENTS-MDS Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
logo
Delta Electronics, Inc.
MDS-005AAS05-B DELTA-MDS-005AAS05-B Datasheet
848Kb / 10P
MDS Medical AC-DC Wall Mount Adapter
logo
Adam Technologies, Inc.
MDS-008 ADAM-TECH-MDS-008 Datasheet
154Kb / 1P
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
More results

Similar Description - MDSP1.5M-ESS-2-18MY

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PS1040 E-SWITCH-PS1040 Datasheet
55Kb / 1P
PANEL MOUNT PUSH BUTTON SWITCHES
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
Miniature Toggle and Push Button Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
H8350ABBB ETC2-H8350ABBB Datasheet
156Kb / 2P
8300 Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Littelfuse
74601-01 LITTELFUSE-74601-01 Datasheet
471Kb / 1P
ELECTRONIC DIMMER SWITCHES
2019 Rev: 021119
8486 LITTELFUSE-8486 Datasheet
238Kb / 1P
STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9269 LITTELFUSE-9269 Datasheet
292Kb / 1P
DOOR PUSH BUTTON SWITCHES
2019 Rev: 021119
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com