Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDSP1.5M-ESS-2-18MY Datasheet(PDF) 2 Page - Lorlin Electronics Ltd.

Part # MDSP1.5M-ESS-2-18MY
Description  PUSH BUTTON DIMMER SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MDSP1.5M-ESS-2-18MY Datasheet(HTML) 2 Page - Lorlin Electronics Ltd.

  MDSP1.5M-ESS-2-18MY Datasheet HTML 1Page - Lorlin Electronics Ltd. MDSP1.5M-ESS-2-18MY Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
2
ORDERING CODE
NO BUSH VERSION
TYPICAL PCB LAYOUT
M D
S
P
1
0
0
K
Y
E
S
A
S
2
2
2
P
N
FOR OTHER VARIANTS PLEASE CONTACT
OUR SALES OFFICE
.
MDSP PUSH BUTTON DIMMER SWITCHES
10K, 22K, 47K, 100K,
220K,330K, 470K,
500K, 1M, 1.5M
TRACK RESISTANCE
VALUE
A + S, E +S
or
E+S+A
POTENTIOMETER
TERMINALS
1
2
SPINDLE
DIAMETER
16-22mm
(1mm increments)
SPINDLE LENGTH
FROM
MOUNTING FACE
Y=Yes
N=NO
NUTS REQUIRED
(Supplied loose)
BOARD LAYOUT
IN-LINE TERMINALS
BOARD LAYOUT
STAGGERED TERMINALS
I = In-Line
S = Staggered
SPINDLE
MATERIAL
P - PLASTIC
M- METAL
Y = With Detent
N = Without Detent



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com