Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD720114 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD720114
Description  ECOUSBTM Series USB 2.0 HUB CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720114 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD720114 Datasheet HTML 9Page - Renesas Technology Corp UPD720114 Datasheet HTML 10Page - Renesas Technology Corp UPD720114 Datasheet HTML 11Page - Renesas Technology Corp UPD720114 Datasheet HTML 12Page - Renesas Technology Corp UPD720114 Datasheet HTML 13Page - Renesas Technology Corp UPD720114 Datasheet HTML 14Page - Renesas Technology Corp UPD720114 Datasheet HTML 15Page - Renesas Technology Corp UPD720114 Datasheet HTML 16Page - Renesas Technology Corp UPD720114 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet R19DS0076EJ0700
11
μPD720114
2.3
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDD33,VDD33REG
−0.5 to +4.6
V
Input/output voltage
VI/VO
3.3 V input/output voltage
3.0 V
≤ VDD33 ≤ 3.6 V
VI /VO
< VDD33 + 1.0 V
−0.5 to +4.6
V
5 V input/out voltage
3.0 V
≤ VDD33 ≤ 3.6 V
VI /VO
< VDD33 + 3.0 V
−0.5 to +6.6
V
Output current
IO
IOL = 3 mA
IOL = 12 mA
10
40
mA
mA
Operating temperature
TA
0 to
+85
°C
Storage temperature
Tstg
−65 to +150
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameters. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
The ratings and conditions indicated for DC characteristics and AC characteristics represent the
quality assurance range during normal operation.
Recommended Operating Ranges
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating voltage
VDD33,VDD33REG
3.3 V for VDD33 pins
3.14
3.30
3.46
V
High-level input voltage
VIH
3.3 V High-level input voltage
2.0
VDD33
V
5.0 V High-level input voltage
2.0
5.5
V
Low-level input voltage
VIL
3.3 V Low-level input voltage
0
0.8
V
5.0 V Low-level input voltage
0
0.8
V
Hysteresis voltage
VH
5 V Hysteresis voltage
0.3
1.5
V
3.3 V Hysteresis voltage
0.2
1.0
V
Input rise time for SYSRSTB
trst
10
ms
Input rise time
tri
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms
Input fall time
tfi
Normal buffer
0
200
ns
Schmitt buffer
0
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com