Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD720114 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD720114
Description  ECOUSBTM Series USB 2.0 HUB CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720114 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD720114 Datasheet HTML 17Page - Renesas Technology Corp UPD720114 Datasheet HTML 18Page - Renesas Technology Corp UPD720114 Datasheet HTML 19Page - Renesas Technology Corp UPD720114 Datasheet HTML 20Page - Renesas Technology Corp UPD720114 Datasheet HTML 21Page - Renesas Technology Corp UPD720114 Datasheet HTML 22Page - Renesas Technology Corp UPD720114 Datasheet HTML 23Page - Renesas Technology Corp UPD720114 Datasheet HTML 24Page - Renesas Technology Corp UPD720114 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet R19DS0076EJ0700
19
μPD720114
USB Interface Block
(1/4)
Parameter
Symbol
Conditions
Min.
Max.
Unit
Low-speed Electrical Characteristics
Rise time (10% to 90%)
tLR
CL = 200 pF to 600 pF
75
300
ns
Fall time (90% to 10%)
tLF
CL = 200 pF to 600 pF
75
300
ns
Differential rise and fall time matching
tLRFM
(tLR/tLF)
Note
80
125
%
Low-speed data rate
tLDRATHS
Average bit rate
1.49925
1.50075
Mbps
Downstream facing port source jitter total
(including frequency tolerance) (Figure
2-13):
To next transition
For paired transitions
tDDJ1
tDDJ2
−25
−14
+25
+14
ns
ns
Downstream facing port differential receiver
jitter total (including frequency tolerance)
(Figure 2-15):
To next transition
For paired transitions
tUJR1
tUJR2
−152
−200
+152
+200
ns
ns
Source SE0 interval of EOP (Figure 2-14)
tLEOPT
1.25
1.5
μs
Receiver SE0 interval of EOP (Figure 2-14)
tLEOPR
670
ns
Width of SE0 interval during differential
transition
tLST
210
ns
Hub differential data delay (Figure 2-11)
tLHDD
300
ns
Hub differential driver jitter (including cable)
(Figure 2-11):
Downstream facing port
To next transition
For paired transitions
Upstream facing port
To next transition
For paired transitions
tLDHJ1
tLDHJ2
tLUHJ1
tLUHJ2
−45
−15
−45
−45
+45
+15
+45
+45
ns
ns
ns
ns
Data bit width distortion after SOP (Figure
2-11)
tLSOP
−60
+60
ns
Hub EOP delay relative to tHDD (Figure 2-12)
tLEOPD
0
200
ns
Hub EOP output width skew (Figure 2-12)
tLHESK
−300
+300
ns
Full-speed Electrical Characteristics
Rise time (10% to 90%)
tFR
CL = 50 pF,
RS = 36
Ω
4
20
ns
Fall time (90% to 10%)
tFF
CL = 50 pF,
RS = 36
Ω
4
20
ns
Differential rise and fall time matching
tFRFM
(tFR/tFF)
90
111.11
%
Full-speed data rate
tFDRATHS
Average bit rate
11.9940
12.0060
Mbps
Frame interval
tFRAME
0.9995
1.0005
ms
Note Excluding the first transition from the Idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com