Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5035F Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMAM5035F
Description  41 dB Gain High Power High Gain Amplifier at 12 Watt Psat Operating From 800 MHz to 2 GHz with 50 dBm IP3 and SMA, with Heatsink
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMAM5035F Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMAM5035F Datasheet HTML 1Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 2Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 3Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 4Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 5Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 6Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 7Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.2 Page 4 of 8
dB
dBm
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Freq.(MHz)
Gain and Input Return Loss
Gain(dB) 25 C
IN_Return Loss(dB)
38
39
40
41
42
43
44
45
Freq.(MHz)
P1dB and Psat
P1dB (dBm)
Psat (dBm)
FMAM5035F
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com