Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5035F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMAM5035F
Description  41 dB Gain High Power High Gain Amplifier at 12 Watt Psat Operating From 800 MHz to 2 GHz with 50 dBm IP3 and SMA, with Heatsink
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMAM5035F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMAM5035F Datasheet HTML 1Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 2Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 3Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 4Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 5Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 6Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 7Page - Infinite Electronics International, Inc. FMAM5035F Datasheet HTML 8Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV 1.2 Page 1 of 8
Copyright © 2020
FMAM5035F is a 12 W high gain Class A/AB coaxial power amplifier operating in
the 0.8 to 2.0 GHz frequency range. The amplifier offers 12 Watts typical saturated
power and 41 dB typical small signal gain with ±1.5 dB maximum gain flatness.
The amplifier requires typically a +13V DC power supply. The connectorized SMA
module is unconditionally stable, operates over the temperature range of 0°C and
+50°C, and has a heatsink and fan for proper operation.
Electrical Specifications
(TA = +25°C, DC Voltage = 13Volts, DC Current = 5.5A)
Description
Min
Typ
Max
Unit
Frequency Range
0.8
2
GHz
Small Signal Gain
41
dB
Gain Flatness
±1.5
dB
Input Power (CW)
+10
dBm
Psat
40.8
dBm
Efficiency (PAE) ()
25
35
%
P1dB
+40
dBm
Output 3rd Order Intercept Point
+50
dBm
Harmonics @10 Watts
-20
dBc
Spurious @10 Watts
-60
dBc
Impedance (Input)
50
Ohms
Impedance (Output)
50
Ohms
Input VSWR
2:1
Operating DC Voltage
13
Volts
Operating DC Current
5.5
A
DC Consumption
500
Watts
Operating Temperature Range
0
+50
°C
Mechanical Specifications
Size
Length
8.7 in [220.98 mm]
Width
5.2 in [132.08 mm]
Height
3.5 in [88.9 mm]
.
Weight
4 lbs [1.81 kg]
Input Connector
SMA Female
Output Connector
SMA Female
Cooling
ADEQUATE HEATSINK INCLUDED
Environmental Specifications
Temperature
Operating Range
0 to +50 deg C
.
Humidity
95
Shock
Normal Truck Transport
Vibration
Normal Truck Transport
Altitude
10000
41 dB Gain High Power High Gain Amplifier at
12 Watt Psat Operating From 800 MHz to 2 GHz with
50 dBm IP3 and SMA, with Heatsink
FMAM5035F
DATA SHEET
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• 0.8 GHz to 2.0 GHz
Frequency Range
• Psat 12 Watts typ
• Small Signal Gain: 41 dB min
• Gain Flatness ±1.5 dB max
• IP3 50 dBm typ
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply
• Heatsink and Fan
Applications:
• Military Radio
• Communication Systems
• High Gain Driver Power Amplifier
• High Gain Output
Power Amplifier


Similar Part No. - FMAM5035F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5031F FAIRVIEW-FMAM5031F Datasheet
1Mb / 8P
46 dB Gain High Power LDMOS Amplifier at 25 Watt Psat Operating from 20 MHz to 1 GHz with 48 dBm IP3, SMA Input, SMA Output, Heatsink
REV 1.3
FMAM5033F FAIRVIEW-FMAM5033F Datasheet
823Kb / 7P
45 dB Gain High Power High Gain Amplifier at 100 Watt Psat Operating From 700 MHz to 2.7 GHz with SMA
REV 1.3
FMAM5034 FAIRVIEW-FMAM5034 Datasheet
764Kb / 5P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA
REV 1.3
FMAM5034F FAIRVIEW-FMAM5034F Datasheet
1Mb / 9P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA w/ Heatsink and Fan
REV 1.3
FMAM5038F FAIRVIEW-FMAM5038F Datasheet
1,021Kb / 6P
High Power Amplifier at 8 Watt Psat Operating From 2 GHz to 4 GHz with 39 dB Gain, 48 dBm IP3 and SMA
REV 1.0
More results

Similar Description - FMAM5035F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5010 PASTERNACK-PE15A5010 Datasheet
521Kb / 8P
58 dB Gain, 50 Watt P1dB, 925 MHz to 2 GHz, High Power High Gain Amplifier, 66 dBm IP3, SMA
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com