Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5033F Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5033F Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5033F
Download  FMAM5033F Download
File Size   823.3 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 45 dB Gain High Power High Gain Amplifier at 100 Watt Psat Operating From 700 MHz to 2.7 GHz with SMA

FMAM5033F Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5033F Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5033F
Download  FMAM5033F Click to download

File Size   823.3 Kbytes
Page   7 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 45 dB Gain High Power High Gain Amplifier at 100 Watt Psat Operating From 700 MHz to 2.7 GHz with SMA

FMAM5033F Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5033F Product details

Features:
• 0.7 GHz to 2.7 GHz
Frequency Range
• Psat 100 Watts typ
• Small Signal Gain: 45 dB min
• Gain Flatness ±1.5 dB typ
• Switching Time 5 usec max
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply
• RF Input Signal Format:
CW/AM/FM/Pulse
• Efficiency (PAE) 30% Typical
• Heatsink and Fan




Similar Part No. - FMAM5033F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5031F FAIRVIEW-FMAM5031F Datasheet
1Mb / 8P
46 dB Gain High Power LDMOS Amplifier at 25 Watt Psat Operating from 20 MHz to 1 GHz with 48 dBm IP3, SMA Input, SMA Output, Heatsink
REV 1.3
FMAM5034 FAIRVIEW-FMAM5034 Datasheet
764Kb / 5P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA
REV 1.3
FMAM5034F FAIRVIEW-FMAM5034F Datasheet
1Mb / 9P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA w/ Heatsink and Fan
REV 1.3
FMAM5035F FAIRVIEW-FMAM5035F Datasheet
1Mb / 8P
41 dB Gain High Power High Gain Amplifier at 12 Watt Psat Operating From 800 MHz to 2 GHz with 50 dBm IP3 and SMA, with Heatsink
REV 1.2
FMAM5038F FAIRVIEW-FMAM5038F Datasheet
1,021Kb / 6P
High Power Amplifier at 8 Watt Psat Operating From 2 GHz to 4 GHz with 39 dB Gain, 48 dBm IP3 and SMA
REV 1.0
More results


Similar Description - FMAM5033F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4013 PASTERNACK-PE15A4013 Datasheet
434Kb / 7P
5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5004 PASTERNACK-PE15A5004 Datasheet
492Kb / 6P
7 Watt Psat, 700 MHz to 2.2 GHz, High Power Amplifier, 30 dB Gain, 38.5 dBm IP3, 10 dB NF, SMA
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5029F PASTERNACK-PE15A5029F Datasheet
545Kb / 6P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5042 PASTERNACK-PE15A5042 Datasheet
431Kb / 5P
42 dB Gain, 18 Watt Psat, 860 MHz to 960 MHz, High Power High Gain Amplifier, 55 dBm IP3, 3.5 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com