Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMAM5031F Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM5031F Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM5031F
Download  FMAM5031F Download
File Size   1051.9 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 46 dB Gain High Power LDMOS Amplifier at 25 Watt Psat Operating from 20 MHz to 1 GHz with 48 dBm IP3, SMA Input, SMA Output, Heatsink

FMAM5031F Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM5031F Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM5031F
Download  FMAM5031F Click to download

File Size   1051.9 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 46 dB Gain High Power LDMOS Amplifier at 25 Watt Psat Operating from 20 MHz to 1 GHz with 48 dBm IP3, SMA Input, SMA Output, Heatsink

FMAM5031F Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM5031F Product details

Features:
• 20 MHz to 1000 MHz
Frequency Range
• Psat 25 Watts typ
• Small Signal Gain: 46 dB min
• Gain Flatness ±1.5 dB max
• IP3 48 dBm typ
• 50 Ohms Input and
Output Matched
• Unconditionally Stable
• Regulated Supply
• Heatsink and Fan




Similar Part No. - FMAM5031F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM5033F FAIRVIEW-FMAM5033F Datasheet
823Kb / 7P
45 dB Gain High Power High Gain Amplifier at 100 Watt Psat Operating From 700 MHz to 2.7 GHz with SMA
REV 1.3
FMAM5034 FAIRVIEW-FMAM5034 Datasheet
764Kb / 5P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA
REV 1.3
FMAM5034F FAIRVIEW-FMAM5034F Datasheet
1Mb / 9P
Medium Power GaAs Amplifier at 1.5 Watt Psat Operating from 800 MHz to 4.2 GHz with 41 dBm IP3, SMA w/ Heatsink and Fan
REV 1.3
FMAM5035F FAIRVIEW-FMAM5035F Datasheet
1Mb / 8P
41 dB Gain High Power High Gain Amplifier at 12 Watt Psat Operating From 800 MHz to 2 GHz with 50 dBm IP3 and SMA, with Heatsink
REV 1.2
FMAM5038F FAIRVIEW-FMAM5038F Datasheet
1,021Kb / 6P
High Power Amplifier at 8 Watt Psat Operating From 2 GHz to 4 GHz with 39 dB Gain, 48 dBm IP3 and SMA
REV 1.0
More results


Similar Description - FMAM5031F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5029 PASTERNACK-PE15A5029 Datasheet
668Kb / 7P
44 dB Gain, 8 Watt Psat, 0.5 MHz to 500 MHz, High Power High Gain Amplifier, 42 dBm IP3, SMA
PE15A5030 PASTERNACK-PE15A5030 Datasheet
707Kb / 7P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5030F PASTERNACK-PE15A5030F Datasheet
459Kb / 5P
4 Watt Psat, 1 MHz to 1,000 MHz, High Power Amplifier, 36 dB Gain, 39 dBm IP3, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com