Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM04ACL010PVC Datasheet(PDF) 5 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM04ACL010PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM04ACL010PVC Datasheet(HTML) 5 Page - Bulgin Limited. All rights reserved.

  PXPPVC08FIM04ACL010PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
157 Circular Automation Connectors
Circular Automation Connectors
M8 Series
Part No.
PXMBNI08FIM03ASC
PXMBNI08FIM04ASC
PXMBNI08FIM05BSC
Termination
Solder Terminal
Solder Terminal
Solder Terminal
Poles
03
04
05
PXMBNI08FIM
Brass - Nickel Plating M8 Flex
Inline Body Male
Available in 3, 4 & 5 Poles
Solder Termination
Metal Flex Inline Body
Mates with Flex Body & Panel
Mount Connectors
Code
A
A
B
Part No.
PXMBNI08FBF03ASC
PXMBNI08FBF04ASC
PXMBNI08FBF05BSC
Termination
Solder Terminal
Solder Terminal
Solder Terminal
Poles
03
04
05
PXMBNI08FBF
Brass - Nickel Plating M8
Flex Body Female
Available in 3, 4 & 5 Poles
Solder Termination
Metal Flex Body
Mates with Flex Inline Body &
Panel Mount CConnectors
Code
A
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com