Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC08FIM04ACL010PVC Datasheet(PDF) 8 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM04ACL010PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM04ACL010PVC Datasheet(HTML) 8 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC08FIM04ACL010PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. PXPPVC08FIM04ACL010PVC Datasheet HTML 12Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
160
Circular Automation Connectors
PXPTPU08FBF
PXPPVC08FBF
M8 Flex Body Female
PXPPVC08FBF03ACL010PVC
PXPTPU08FBF03ACL010PUR
PXPPVC08FBF03ACL020PVC
PXPTPU08FBF03ACL020PUR
PXPPVC08FBF03ACL030PVC
PXPTPU08FBF03ACL030PUR
PXPPVC08FBF03ACL050PVC
PXPTPU08FBF03ACL050PUR
PXPPVC08FBF03ACL100PVC
PXPTPU08FBF03ACL100PUR
PXPPVC08FBF03ACL150PVC
PXPTPU08FBF03ACL150PUR
PXPPVC08FBF04ACL010PVC
PXPTPU08FBF04ACL010PUR
PXPPVC08FBF04ACL020PVC
PXPTPU08FBF04ACL020PUR
PXPPVC08FBF04ACL030PVC
PXPTPU08FBF04ACL030PUR
PXPPVC08FBF04ACL050PVC
PXPTPU08FBF04ACL050PUR
PXPPVC08FBF04ACL100PVC
PXPTPU08FBF04ACL100PUR
PXPPVC08FBF04ACL150PVC
PXPTPU08FBF04ACL150PUR
PXPTPU08FBF04PCL010PUR
PXPPVC08FBF05BCL010PVC
PXPTPU08FBF05BCL010PUR
PXPPVC08FBF05BCL020PVC
PXPTPU08FBF05BCL020PUR
PXPPVC08FBF05BCL030PVC
PXPTPU08FBF05BCL030PUR
PXPPVC08FBF05BCL050PVC
PXPTPU08FBF05BCL050PUR
PXPPVC08FBF05BCL100PVC
PXPTPU08FBF05BCL100PUR
PXPPVC08FBF05BCL150PVC
PXPTPU08FBF05BCL150PUR
PXPTPU08FBF06ACL020PUR
PXPPVC08FBF08ACL010PVC
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
P
B
B
B
B
B
B
B
B
B
B
B
B
A
A
Poles
03
03
03
03
03
03
03
03
03
03
03
03
04
04
04
04
04
04
04
04
04
04
04
04
04
05
05
05
05
05
05
05
05
05
05
05
05
06
08
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PUR
PVC
Available in 3, 4, 5, 6 & 8 Poles
1, 2, 3, 5, 10 & 15m Cable Options
Overmold Flex Body
Mates with Flex Inline Body &
Panel Mount Connectors
Circular Automation Connectors
M8 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
2m
1m
Lead Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com