Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM08ACL030PVC Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM08ACL030PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM08ACL030PVC Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXPPVC12FIM08ACL030PVC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
166
Circular Automation Connectors
M12 connectors are established as one of the most reliable
and efficient connection standards for Industrial Machinery
and Factory Automation applications. With an industry standard
screw locking mechanism, IP67 rating rate and high performance
capabilities, this range is ideal not only for sensor connections
but also for various fieldbus systems.
Reliable Industry Standard (EN 61076-2-101)
Screw Locking Mechanism
IP67 Degree of Protection
A, B, D, L, S & T Coded Versions
Field Installable, Cable and Panel Mount Options
Plastic and Metal Option Variants
Straight and Right Angled Forms
Overmolded PVC, PUR, PNP or NPN
Cable Connectors
Pole Variants from 3 – 17
Circular Automation Connectors / Introduction
M12 Series
166
Circular Automation Connectors


Similar Part No. - PXPPVC12FIM08ACL030PVC

ManufacturerPart #DatasheetDescription
logo
Bulgin Limited. All rig...
PXPPVC12FIM08ACL030PVC BULGINLIMITED-PXPPVC12FIM08ACL030PVC Datasheet
1Mb / 16P
M12 Series
PXPPVC12FIM08ACL030PVC BULGINLIMITED-PXPPVC12FIM08ACL030PVC Datasheet
6Mb / 35P
M12 Series
More results

Similar Description - PXPPVC12FIM08ACL030PVC

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
223945 ERNI-223945 Datasheet
39Kb / 1P
CCCS M12, 5pin / M12, 5pin
224908 ERNI-224908 Datasheet
41Kb / 1P
CCCS M12, 4pin / M12, 4pin
324089 ERNI-324089 Datasheet
40Kb / 1P
CCCS M12, 4pin / M12, 4pin
254781 ERNI-254781 Datasheet
84Kb / 1P
M12, 5pin / M12, 5pin
254783 ERNI-254783 Datasheet
688Kb / 1P
M12, 5pin / M12, 5pin
324177 ERNI-324177 Datasheet
96Kb / 1P
M12-M12 CAT5e Assembly
logo
Alpha Wire
DR04DR117 ALPHAWIRE-DR04DR117 Datasheet
121Kb / 2P
M12 Male to M12 Male
logo
PHOENIX CONTACT
2130224 PHOENIX-2130224 Datasheet
89Kb / 3P
UHV 95-M12/M12
logo
Bel Fuse Inc.
SS-12000-001 BEL-SS-12000-001 Datasheet
775Kb / 2P
M12 A-Code Series
logo
NorComp
858-008-203RKTY NORCOMP-858-008-203RKTY Datasheet
81Kb / 1P
M12 CONNECTOR SERIES-FEMALE-8POSITION
REV.4 03/07/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com