Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PXPPVC12FIM08ACL030PVC Datasheet(PDF) 20 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC12FIM08ACL030PVC
Description  M12 Series
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC12FIM08ACL030PVC Datasheet(HTML) 20 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC12FIM08ACL030PVC Datasheet HTML 15Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 16Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 17Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 18Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 19Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 20Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 21Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 22Page - Bulgin Limited. All rights reserved. PXPPVC12FIM08ACL030PVC Datasheet HTML 23Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
185 Circular Automation Connectors
M12 Series
Circular Automation Connectors / Specifications
Contact Diagrams
XXXXXXXXXXM03XXXXXXXXXXXX
XXXXXXXXXXF03XXXXXXXXXXXX
P1
Pair
Wire Colour
1
3
4
Brown
Blue
Black
P2
1
3
4
XXXXXXXXXXM04XXXXXXXXXXXX
XXXXXXXXXXF04XXXXXXXXXXXX
P1
Pair
Wire Colour
1
2
3
4
Brown
White
Blue
Black
P2
1
2
3
4
4
1
3
2
5 pole
4 pole
Ø 5
Ø 1.0 ±0.03
4
1
5
3
2
4
3
5
1
2
4
3
1
2
12 pole
1
9
8
7
6
12
11
10
5
2
4
3
1
9
8
7
6
12
11
10
5
2
4
Ø 0.1
Ø 5.8
Ø 1.0 ±0.03
Ø 5
Male
Female
4
1
3
3 pole
4
3
1
Ø 1.0 ±0.03
Ø 5
8 pole
1
8
4
2
7
6
5
3
1
8
4
2
7
6
5
3
Ø 0.8 ±0.03
Ø 5.5
3
6x49
o
33 o
8x37.125
o
29.5
o
Ø 2.2
2x120o
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
5 pole
Ø 5
Ø 1.0 ±0.03
4
1
5
3
2
4
3
5
1
2
‘B’ Code
Front View
45o± 30
’
4
1
3
2
4 pole
4
3
1
2
Ø 5
‘D’ Code
Front View
Ø 1.0 ±0.03
45o±33
’
61.5
o
±30
’
P2
P1
4
1
3
2
5 pole
4 pole
Ø 5
Ø 1.0 ±0.03
4
1
5
3
2
4
3
5
1
2
4
3
1
2
12 pole
1
9
8
7
6
12
11
10
5
2
4
3
1
9
8
7
6
12
11
10
5
2
4
Ø 0.1
Ø 5.8
Ø 1.0 ±0.03
Ø 5
Male
Female
4
1
3
3 pole
4
3
1
Ø 1.0 ±0.03
Ø 5
8 pole
1
8
4
2
7
6
5
3
1
8
4
2
7
6
5
3
Ø 0.8 ±0.03
Ø 5.5
3
6x49
o
33 o
8x37.125
o
29.5
o
Ø 2.2
2x120o
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
5 pole
Ø 5
Ø 1.0 ±0.03
4
1
5
3
2
4
3
5
1
2
‘B’ Code
Front View
45o± 30
’
4
1
3
2
4 pole
4
3
1
2
Ø 5
‘D’ Code
Front View
Ø 1.0 ±0.03
45o±33
’
61.5
o
±30
’
P2
P1
4 PINS A-CODED
XXXXXXXXXXM04XXXXXXXXXXXX
XXXXXXXXXXF04XXXXXXXXXXXX
P1
Pair
Wire Colour
1
2
3
4
Yellow
White
Orange
Blue
P2
1
2
3
4
4 PINS D-CODED
4
1
3
2
5 pole
4 pole
Ø 5
Ø 1.0 ±0.03
4
1
5
3
2
4
3
5
1
2
4
3
1
2
12 pole
1
9
8
7
6
12
11
10
5
2
4
3
1
9
8
7
6
12
11
10
5
2
4
Ø 0.1
Ø 5.8
Ø 1.0 ±0.03
Ø 5
Male
Female
4
1
3
3 pole
4
3
1
Ø 1.0 ±0.03
Ø 5
8 pole
1
8
4
2
7
6
5
3
1
8
4
2
7
6
5
3
Ø 0.8 ±0.03
Ø 5.5
3
6x49
o
33 o
8x37.125
o
29.5
o
Ø 2.2
2x120o
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
‘A’ Code
Front View
5 pole
Ø 5
Ø 1.0 ±0.03
4
1
5
3
2
4
3
5
1
2
‘B’ Code
Front View
45o± 30
’
4
1
3
2
4 pole
4
3
1
2
Ø 5
‘D’ Code
Front View
Ø 1.0 ±0.03
45o±33
’
61.5
o
±30
’
P2
P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com